Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 63 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 63 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 59Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 60Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 61Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 62Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 63Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 64Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 65Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 66Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 67Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
14. Halt and Sleep Modes
FS98O24 supports low power working mode. When the user want FS98O24 to do nothing and just stand by,
FS98O24 could be set to Halt mode or Sleep mode to reduce the power consumption by stopping the CPU
core working. The two modes will be described below.
Halt Mode
After CPU executes a Halt command, CPU Program Counter (PC) stops counting until an interrupt command is
issued. To avoid program errors caused by Interrupt Return, it is suggested to add a NOP command after Halt
to guarantee the program’s normal execution when turning back.
Sleep Mode
After CPU executes Sleep command, all oscillators stop working until an external interrupt command is issued
or the CPU is reset. To avoid program errors caused by Interrupt return, it is suggested to add a NOP command
after Sleep to guarantee the program’s n
ormal execution. The sleep mode power consumption is about 3 uA.
To make sure that CPU consumes minimum power in Sleep mode, it is necessary to close all power blocks and
analog circuits before issuing the Sleep command, and make sure that all I/O Ports are in VDD or VSS voltage
levels.
It is recommended that users execute the following program before issuing the Sleep command:
CLRF
NETA
; As Reset state
CLRF
NETB
; As Reset state
CLRF
NETC
; As Reset state
CLRF
NETD
; As Reset state
CLRF
NETE
; As Reset state
CLRF
NETF
; As Reset state
CLRF
PT2PU
; Pull up resistor is disconnected.
MOVLW
0FFH
MOVWF
PT2EN
; PT2 ports are assigned to be output ports.
CLRF
PT2
; Set PT2 ports Output Low.
MOVLW
001h
MOVWF
PT1PU
; PT1 Pull up resistor is disconnected except port 0(ext. int)
MOVLW
0FEh
MOVWF
PT1EN
; PT1 ports are assigned to be output ports except port 0
CLRF
PT1
; Set PT1 [7:1] Output Low
CLRF
INTF
; Clear the interrupt flags
MOVLW
081h
MOVWF
INTE
; Enable the external interrupt
SLEEP
; Set the FWZ0038A into Sleep mode
NOP
; Wait CPU Wake-Up to normal Run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com