Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 71 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 71 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 67Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 68Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 69Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 70Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 71Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 72Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 73Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 74Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 75Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
IORWF
Inclusive OR W with f
Syntax
IORWF
f, d
0  f  FFh
d  [0,1]
Operation
[Destination]  [W] | [f]
Flag Affected
Z
Description
Inclusive OR the content of the W register and [f]. If d is 0, the result is stored in the W
register. If d is 1, the result is stored back in [f].
Cycle
1
Example:
IORWF
OPERAND,1
Before instruction:
W = 88h, OPERAND = 23h
After instruction:
W = 88h, OPERAND = ABh
MOVFW
Move f to W
Syntax
MOVFW
f
0  f  FFh
Operation
[W]  [f]
Flag Affected
None
Description
Move data from [f] to the W register.
Cycle
1
Example:
MOVFW
OPERAND
Before instruction:
W = 88h, OPERAND = 23h
After instruction:
W = 23h, OPERAND = 23h
MOVLW
Move literal to W
Syntax
MOVLW
k
0  k  FFh
Operation
[W]  k
Flag Affected
None
Description
Move the eight-bit literal "k" to the content of the W register.
Cycle
1
Example:
MOVLW
23h
Before instruction:
W = 88h
After instruction:
W = 23h
MOVWF
Move W to f
Syntax
MOVWF
f
0  f  FFh
Operation
[f]  [W]
Flag Affected
None
Description
Move data from the W register to [f].
Cycle
1
Example:
MOVWF
OPERAND
Before instruction:
W = 88h, OPERAND = 23h
After instruction:
W = 88h, OPERAND = 88h
NOP
No Operation
Syntax
NOP
Operation
No Operation
Flag Affected
None
Description
No operation. NOP is used for one instruction cycle delay.
Cycle
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com