Electronic Components Datasheet Search
  English  ▼

X  

FS98O24 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS98O24
Description  8-bit MCU with 4k program EPROM, 256-byte RAM
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS98O24 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS98O24 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 31Page - Fortune Semiconductor Corp. FS98O24 Datasheet HTML 32Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
4.1. Voltage Doubler
Figure 4-2 Voltage Doubler
Voltage Doubler is used for generating VGG which provide input4 for VDDA Voltage Regulator. The inputs of
Voltage Doubler are VDDP, VSSP, CA and CB. The related registers are S_PCK, PUMPCK and ENPUMP. The
Output is VGG. Please see Figure 4-2.
Table 4-2 Voltage Doubler register table
Address Name
Bit 7
Bit 6
Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on Power on Reset
32H
NETJ ENPUMP PUMPCK
S_PCK
00000000
Operations:
1.
Connect the pins VDDP and VSSP to VDD (2.2V~3.6V) and VSS (system ground).
2.
Put a 10uF capacitance between CA and CB.
3.
Select the Voltage Doubler Operation frequency by setting S_PCK and PUMPCK according to the
following table
4.
Set the ENPUMP flag.
5.
The output, VGG, will be two times of VDDP.
4 Please refer to Section 4.2 for detailed description about VDDA and Voltage regulator.
Voltage Doubler
ENPUMP
S_PCK
10uF
1uF
PUMPCK
10uF
ENPUMP=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com