Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 2 Page - International Rectifier

  IRU3038CS Datasheet HTML 1Page - International Rectifier IRU3038CS Datasheet HTML 2Page - International Rectifier IRU3038CS Datasheet HTML 3Page - International Rectifier IRU3038CS Datasheet HTML 4Page - International Rectifier IRU3038CS Datasheet HTML 5Page - International Rectifier IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Rev. 2.0
09/12/02
IRU3038
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc=5V, Vc=12V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
ABSOLUTE MAXIMUM RATINGS
Vcc Supply Voltage ..................................................
25V
Vc Supply Voltage .....................................................
30V (not rated for inductive load)
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
PACKAGE INFORMATION
14-PIN PLASTIC TSSOP (F)
14-PIN PLASTIC SOIC (S)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
VREF Voltage
Fb Voltage Line Regulation
UVLO
UVLO Threshold - Vcc
UVLO Hysteresis - Vcc
UVLO Threshold - Vc
UVLO Hysteresis - Vc
UVLO Threshold - Fb
UVLO Hysteresis - Fb
Supply Current
Vcc Dynamic Supply Current
Vc Dynamic Supply Current
Vcc Static Supply Current
Vc Static Supply Current
Soft-Start Section
Charge Current
5<Vcc<12
Supply Ramping Up
Supply Ramping Up
Fb Ramping Down
Freq=200KHz, CL=1500pF
Freq=200KHz, CL=1500pF
SS=0V
SS=0V
SS=0V
1.225
4
3.1
0.4
2
2
1
0.5
-10
1.250
0.2
4.2
0.25
3.3
0.2
0.6
0.1
5
7
3.5
1
-20
1.275
0.35
4.4
3.5
0.8
8
10
6
4.5
-30
V
%
V
V
V
V
V
V
mA
mA
mA
mA
mA
uJA=888C/W
uJA=1008C/W
VFB
LREG
UVLO Vcc
UVLO Vc
UVLO Fb
Dyn Icc
Dyn Ic
ICCQ
ICQ
SSIB
Fb
Vcc
LDrv
Gnd
PGnd
HDrv
Vc
Rt
7
6
5
4
8
9
10
11
3
2
1
12 Comp
13 SS
14 NC
VP
VREF
NC
Vcc
NC
LDrv
Gnd
Rt
Vc
HDrv
PGnd
7
6
5
4
8
9
10
11
VREF 3
12 Comp
VP 2
13 SS
Fb 1
14 NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com