Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 10 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier IRU3038CS Datasheet HTML 10Page - International Rectifier IRU3038CS Datasheet HTML 11Page - International Rectifier IRU3038CS Datasheet HTML 12Page - International Rectifier IRU3038CS Datasheet HTML 13Page - International Rectifier IRU3038CS Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Rev. 2.0
09/12/02
IRU3038
www.irf.com
6)
Place second pole at the ESR zero.
Check if R8 >
If R8 is too small, increase R7 and start from step 2.
7)
Place second zero around the resonant frequency.
8)
Use equation (1) to calculate R5:
These design rules will give a crossover frequency ap-
proximately one-tenth of the switching frequency. The
higher the band width, the potentially faster the load tran-
sient speed. The gain margin will be large enough to
provide high DC-regulation accuracy (typically -5dB to -
12dB). The phase margin should be greater than 45
8 for
overall stability.
IC Quiescent Power Dissipation
Power dissipation for IC controller is a function of ap-
plied voltage, gate driver loads and switching frequency.
The IC's maximum power dissipation occurs when the
IC operating with single 12V supply voltage (Vcc=12V
and Vc
≅24V) at 400KHz switching frequency and maxi-
mum gate loads.
This IC's power dissipation results to an excessive tem-
perature rise and should be considered when using
IRU3038 for such an application.
Layout Consideration
The layout is very important when designing high fre-
quency switching converters. Layout will affect noise
pickup and can cause a good design to perform with
less than expected results.
Start to place the power components. Make all the con-
nections in the top layer with wide, copper filled areas.
The inductor, output capacitor and the MOSFET should
be close to each other as possible. This helps to reduce
the EMI radiated by the power traces due to the high
switching currents through them. Place input capacitor
directly to the drain of the high-side MOSFET. To reduce
the ESR, replace the single input capacitor with two par-
allel units. The feedback part of the system should be
kept away from the inductor and other noise sources
and be placed close to the IC. In multilayer PCB, use
one layer as power ground plane and have a separate
control circuit ground (analog ground), to which all sig-
nals are referenced. The goal is to localize the high cur-
rent path to a separate loop that does not interfere with
the more sensitive analog control function. These two
grounds must be connected together on the PC board
layout at a single point.
1
gm
R5 =
3 R6
VREF
VOUT - VREF
R6 =
- R8
1
2
p 3 C10 3 FZ2
FZ2 = FLC
R8 =
1
2
p 3 C10 3 FP2
FP2 = FESR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com