Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 14 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 14 Page - International Rectifier

Back Button IRU3038CS Datasheet HTML 10Page - International Rectifier IRU3038CS Datasheet HTML 11Page - International Rectifier IRU3038CS Datasheet HTML 12Page - International Rectifier IRU3038CS Datasheet HTML 13Page - International Rectifier IRU3038CS Datasheet HTML 14Page - International Rectifier IRU3038CS Datasheet HTML 15Page - International Rectifier IRU3038CS Datasheet HTML 16Page - International Rectifier IRU3038CS Datasheet HTML 17Page - International Rectifier IRU3038CS Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Rev. 2.0
09/12/02
IRU3038
www.irf.com
DEMO-BOARD APPLICATION
5V to 2.5V @ 8A
Ref Desig
Description
Value
Qty
Part#
Manuf
Web site (www.)
2
1
1
1
1
1
2
2
2
1
1
1
3
1
1
2
Q1, Q2
U1
D1
L1
L2
C1
C2,C18
C10,C11
C5,C8
C4
C15
C9
C3,C6,C12
R9
R6
R8,R11
MOSFET
Controller
Diode
Inductor
Inductor
Cap, Tantalum
Cap, Poscap
Cap, Poscap
Cap, Ceramic
Cap, Ceramic
Cap, Ceramic
Cap, Ceramic
Cap, Ceramic
Resistor
Resistor
Resistor
IRF7460
IRU3038
BAT54S
D03316P-102HC
D05022P-332HC
ECS-T1CD336R
16TPB47M
6TPC150M
ECJ-2VF1E104Z
ECJ-3YB1E105K
ECJ-2VB1H182K
ECJ-2VB2D471K
ECJ-2VF1C105Z
IR
IR
IR
Coilcraft
Coilcraft
Panasonic
Sanyo
Sanyo
Panasonic
Panasonic
Panasonic
Panasonic
Panasonic
Application Parts List
20V, 10m
V, 12A
Synchronous PWM
Fast Switching,
Schottky
1
mH, 10A
3.3
mH, 12A
33
mF, 16V
47
mF, 16V, 70mV
150
mF, 6.3V, 40mV
0.1
mF, Y5V, 25V
1
mF, X7R, 25V
1800pF, X7R, 50V
470pF, X7R
1
mF, Y5V, 16V
26.1K, 5%
4.7
V, 5%
1K, 1%
Figure 14 - Demo-board application of IRU3038.
irf.com
coilcraft.com
maco.panasonic.co.jp
sanyo.com/industrial
maco.panasonic.co.jp
IRU3038
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS
C3
1uF
C4
1uF
C8
0.1uF
C15
1800pF
R9
26.1K
Q1
Q2
R11
1K, 1%
R8
1K, 1%
L2
3.3uH
L1
1uH
C2
47uF
70m
V
C1
33uF
2.5V
@ 8A
C11
150uF
40m
V
C5
0.1uF
5V
PGnd
VREF
VP
Rt
D1
C9
470pF
R6
4.7
V
C6
1uF
R1
Open
VDDQ
VREF
C12
1uF
Gnd
C10
150uF
40m
V
C18
47uF
70m
V
R2
Short
R13
Open
R12
Short



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com