Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 12 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 12 Page - International Rectifier

Back Button IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier IRU3038CS Datasheet HTML 10Page - International Rectifier IRU3038CS Datasheet HTML 11Page - International Rectifier IRU3038CS Datasheet HTML 12Page - International Rectifier IRU3038CS Datasheet HTML 13Page - International Rectifier IRU3038CS Datasheet HTML 14Page - International Rectifier IRU3038CS Datasheet HTML 15Page - International Rectifier IRU3038CS Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Rev. 2.0
09/12/02
IRU3038
www.irf.com
Figure 12 - Switching frequency vs. Rt.
150
200
250
300
350
400
450
0
50
100
150
200
250
Rt (K
V
V)
TYPICAL APPLICATION
Single Supply 5V Input
Figure 11 - Typical application of IRU3038 in an on-board DC-DC converter
using a single 5V supply.
IRU3038
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS
C3
0.1uF
C4
1uF
C8
0.1uF
C9
1800pF
R4
26.1K
Q1
IRF7460
Q2
IRF7460
R5
1K, 1%
R6
1K, 1%
L2
D05022P-103, 3.3uH, 10A
L1
1uH
C2
2x 10TPB100ML,
100uF, 55m
V
C1
33uF
Tantalum
2.5V
@ 8A
C7
2x 6TPC150M,
150uF, 40m
V
C5
0.1uF
5V
PGnd
VREF
VP
Rt
D1
BAT54S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com