Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 8 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 8 Page - International Rectifier

Back Button IRU3038CS Datasheet HTML 4Page - International Rectifier IRU3038CS Datasheet HTML 5Page - International Rectifier IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier IRU3038CS Datasheet HTML 10Page - International Rectifier IRU3038CS Datasheet HTML 11Page - International Rectifier IRU3038CS Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Rev. 2.0
09/12/02
IRU3038
www.irf.com
Note that this method requires that the output capacitor
should have enough ESR to satisfy stability requirements.
In general, the output capacitor’s ESR generates a zero
typically at 5KHz to 50KHz which is essential for an
acceptable phase margin.
The ESR zero of the output capacitor expressed as fol-
lows:
Figure 6 - Compensation network without local
feedback and its asymptotic gain plot.
The transfer function (Ve / VOUT) is given by:
The (s) indicates that the transfer function varies as a
function of frequency. This configuration introduces a gain
and zero, expressed by:
The gain is determined by the voltage divider and E/A's
transconductance gain.
First select the desired zero-crossover frequency (Fo):
Fo > FESR and FO
[ (1/5 ~ 1/10)3 fS
Use the following equation to calculate R4:
Where:
VIN = Maximum Input Voltage
VOSC = Oscillator Ramp Voltage
Fo = Crossover Frequency
FESR = Zero Frequency of the Output Capacitor
FLC = Resonant Frequency of the Output Filter
R5 and R6 = Resistor Dividers for Output Voltage
Programming
gm = Error Amplifier Transconductance
This results to R4=26.52K
V. Choose R4=26.1KV
To cancel one of the LC filter poles, place the zero be-
fore the LC filter resonant frequency pole:
Using equations (11) and (13) to calculate C9, we get:
One more capacitor is sometimes added in parallel with
C9 and R4. This introduces one more pole which is mainly
used to suppress the switching noise. The additional
pole is given by:
The pole sets to one half of switching frequency which
results in the capacitor CPOLE:
C9
≅ 1800pF
For:
VIN = 5V
VOSC = 1.25V
Fo = 30KHz
FESR = 26.5KHz
FLC = 5KHz
R5 = 1K
R6 = 1K
gm = 600mmho
FP =
2
p 3 R4 3
C9
3 CPOLE
C9 + CPOLE
1
|H(s)| =
gm 3
3 R4
---(10)
R5
R6
3 R5
FZ =
---(11)
1
2
p 3 R4 3 C9
VOUT
Vp=VREF
R5
R6
R4
C9
Ve
E/A
FZ
H(s) dB
Frequency
Gain(dB)
Fb
Comp
FESR =
---(8)
1
2
p3ESR3Co
H(s) =
gm
3
3
---(9)
(
)
R5
R6 + R5
1 + sR4C9
sC9
R4 =
3
3
3
---(12)
Fo
3FESR
FLC2
VOSC
VIN
R5 + R6
R5
1
gm
CPOLE =
≅
p 3 R4 3 fS -
1
C9
1
1
p 3 R4 3 fS
for FP <<
fS
2
FZ
≅ 75%FLC
FZ
≅ 0.75 3
1
2
p
LO
3 CO
For:
Lo = 10
mH
Co = 300
mF
FZ = 3.8KHz
R4 = 26.1K
V
---(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com