Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 5 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 5 Page - International Rectifier

  IRU3038CS Datasheet HTML 1Page - International Rectifier IRU3038CS Datasheet HTML 2Page - International Rectifier IRU3038CS Datasheet HTML 3Page - International Rectifier IRU3038CS Datasheet HTML 4Page - International Rectifier IRU3038CS Datasheet HTML 5Page - International Rectifier IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IRU3038
5
Rev. 2.0
09/12/02
www.irf.com
APPLICATION INFORMATION
Design Example:
The following example is a typical application for IRU3038,
the schematic is Figure 11 on page 12.
Output Voltage Programming
Output voltage is programmed by reference voltage and
external voltage divider. The Fb pin is the inverting input
of the error amplifier, which is referenced to the voltage
on non-inverting pin of error amplifier. For this applica-
tion, this pin (VP) is connected to reference voltage (VREF).
The output voltage is defined by using the following equa-
tion:
When an external resistor divider is connected to the
output as shown in Figure 3.
Figure 3 - Typical application of the IRU3038 for
programming the output voltage.
Equation (1) can be rewritten as:
Choose R5 = 1K
V
This will result to R6 = 1K
V
If the high value feedback resistors are used, the input
bias current of the Fb pin could cause a slight increase
in output voltage. The output voltage set point can be
more accurate by using precision resistor.
Soft-Start Programming
The soft-start timing can be programmed by selecting
the soft-start capacitance value. The start-up time of the
converter can be calculated by using:
Where CSS is the soft-start capacitor (
mF)
For a start-up time of 7.5ms, the soft-start capacitor will
be 0.1
mF. Choose a ceramic capacitor at 0.1mF.
Shutdown
The converter can be shutdown by pulling the soft-start
pin below 0.5V. The control MOSFET turns off and the
synchronous MOSFET turns on during shutdown.
Boost Supply Vc
To drive the high-side switch it is necessary to supply a
gate voltage at least 4V greater than the bus voltage.
This is achieved by using a charge pump configuration
as shown in Figure 11. The capacitor is charged up to
approximately twice the bus voltage. A capacitor in the
range of 0.1
mF to 1mF is generally adequate for most
applications. In application, when a separate voltage
source is available the boost circuit can be avoided as
shown in Figure 1.
Input Capacitor Selection
The input filter capacitor should be based on how much
ripple the supply can tolerate on the DC input line. The
ripple current generated during the on time of control
MOSFET should be provided by input capacitor. The RMS
value of this ripple is expressed by:
Where:
D is the Duty Cycle, D=VOUT/VIN.
IRMS is the RMS value of the input capacitor current.
IOUT is the output current for each channel.
For higher efficiency, a low ESR capacitor is recom-
mended. Choose two Poscap from Sanyo 10TPB100ML
(10V, 100
mF, 55mV) with a maximum allowable ripple
current of 1.9A.
tSTART = 753Css (ms)
---(2)
VIN = 5V
VOUT = 2.5V
IOUT = 8A
DVOUT = 100mV
fS = 200KHz
Fb
IRU3038
VOUT
R5
R6
VREF
VP
For VIN=5V, IOUT=8A and D=0.5, the IRMS=4A
VOUT = VP
3 1 +
---(1)
R6
R5
VP = VREF = 1.25V
(
)
R6 = R5
3
- 1
VOUT
VP
(
)
IRMS = IOUT
D
3(1-D)
---(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com