Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 1 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 1 Page - International Rectifier

  IRU3038CS Datasheet HTML 1Page - International Rectifier IRU3038CS Datasheet HTML 2Page - International Rectifier IRU3038CS Datasheet HTML 3Page - International Rectifier IRU3038CS Datasheet HTML 4Page - International Rectifier IRU3038CS Datasheet HTML 5Page - International Rectifier IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
IRU3038
1
Rev. 2.0
09/12/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU3038 controller IC is designed to provide a low
cost synchronous Buck regulator for voltage tracking
applications such DDR memory and general purpose
on-board DC to DC converter. Modern micro processors
combined with DDR memory, need high-speed bandwidth
data bus which requires a particular bus termination volt-
age. This voltage will be tightly regulated to track the
half of chipset voltage for best performance. The IRU3038
together with dual N-channel MOSFETs such as IRF7313,
provide a low cost solution for such applications. This
device features a programmable frequency set from
200KHz to 400KHz, under-voltage lockout for both Vcc
and Vc supplies, an external programmable soft-start
function as well as output under-voltage detection that
latches off the device when an output short is detected.
Synchronous Controller in 14-Pin Package
Operating with single 5V or 12V supply voltage
200KHz to 400KHz operation set by an external
resistor
Soft-Start Function
Fixed Frequency Voltage Mode
500mA Peak Output Drive Capability
Uncommitted Error Amplifier available for DDR
voltage tracking application
1.25V Reference Voltage
Protects the output when control FET is shorted
PACKAGE ORDER INFORMATION
FEATURES
SYNCHRONOUS PWM CONTROLLER
FOR TERMINATION POWER SUPPLY APPLICATIONS
TA (°C)
DEVICE
PACKAGE
0 To 70
IRU3038CF
14-Pin Plastic TSSOP (F)
0 To 70
IRU3038CS
14-Pin Plastic SOIC NB (S)
PRELIMINARY DATA SHEET
Data Sheet No. PD94250
Figure 1 - Typical application of IRU3038 when Vtt tracks the VDDQ.
APPLICATIONS
DDR memory source sink Vtt application
Low cost on-board DC to DC such as
5V to 3.3V, 2.5V or 1.8V
Graphic Card
Hard Disk Drive
IRU3038
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS
C1
0.1uF
C2
1uF
C5
0.1uF
C7
2200pF
R3
33K
Q1
1/2 of IRF7313
Q2
1/2 of IRF7313
L2
D03316P-103, 10uH, 3.9A
L1
1uH
C3
10TPB100M,
100uF, 55m
V
C4
47uF
Vtt
1.25V @ 3A
C6
2x 6TPB150M,
150uF, 55m
V
12V
PGnd
Rt
VP
VREF
R1
1K
R2
1K
DDR
Memory
VDDQ
(2.5V)
5V
D1
BAT54
or 1N4148


Similar Part No. - IRU3038CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033CS IRF-IRU3033CS Datasheet
76Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033CSPBF IRF-IRU3033CSPBF Datasheet
164Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3033PBF IRF-IRU3033PBF Datasheet
164Kb / 12P
8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
IRU3034 IRF-IRU3034 Datasheet
149Kb / 12P
8-PIN PWM SWITCHER CONTROLLER IC WITH CURRENT LIMITING
More results

Similar Description - IRU3038CS

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
SC1110 SEMTECH-SC1110 Datasheet
96Kb / 7P
SINK AND SOURCE DC/DC CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
304Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC1110 SEMTECH-SC1110_04 Datasheet
295Kb / 12P
Sink and Source DC/DC Controller for Termination Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
Synchronous Voltage Mode Controller for Distributed Power Supply Applications
logo
Microsemi Corporation
NX2155H MICROSEMI-NX2155H Datasheet
770Kb / 17P
SINGLE POWER SUPPLY SYNCHRONOUS PWM CONTROLLER
NX2307 MICROSEMI-NX2307 Datasheet
791Kb / 22P
SINGLE SUPPLY 12V SYNCHRONOUS PWM CONTROLLER
logo
Sanken electric
SFA0002 SANKEN-SFA0002 Datasheet
470Kb / 12P
PWM Controller for Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com