Electronic Components Datasheet Search
  English  ▼

X  

IRU3038CS Datasheet(PDF) 3 Page - International Rectifier

Part # IRU3038CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3038CS Datasheet(HTML) 3 Page - International Rectifier

  IRU3038CS Datasheet HTML 1Page - International Rectifier IRU3038CS Datasheet HTML 2Page - International Rectifier IRU3038CS Datasheet HTML 3Page - International Rectifier IRU3038CS Datasheet HTML 4Page - International Rectifier IRU3038CS Datasheet HTML 5Page - International Rectifier IRU3038CS Datasheet HTML 6Page - International Rectifier IRU3038CS Datasheet HTML 7Page - International Rectifier IRU3038CS Datasheet HTML 8Page - International Rectifier IRU3038CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IRU3038
3
Rev. 2.0
09/12/02
www.irf.com
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
PIN DESCRIPTIONS
This pin is connected directly to the output of the switching regulator via resistor divider to
provide feedback to the Error amplifier.
Non-inverting input of error amplifier.
Reference Voltage.
This pin provides biasing for the internal blocks of the IC as well as power for the low side
driver. A minimum of 1
mF, high frequency capacitor must be connected from this pin to
ground to provide peak drive current capability.
No Connection.
Output driver for the synchronous power MOSFET.
Analog ground for internal reference and control circuitry. Connect to PGnd with a short
trace.
This pin serves as the separate ground for MOSFET's drivers and should be connected to
system's ground plane. A high frequency capacitor (0.1 to 1
mF) must be connected from
Vcc and Vc pins to this pin for noise free operation.
Output driver for the high side power MOSFET. Connect a diode, such as BAT54 or 1N4148,
from this pin to ground for the application when the inductor current goes negative (Source/
Sink), soft-start at no load and for the fast load transient from full load to no load.
This pin is connected to a voltage that must be at least 4V higher than the bus voltage of
the switcher (assuming 5V threshold MOSFET) and powers the high side output driver. A
minimum of 1
mF, high frequency capacitor must be connected from this pin to ground to
provide peak drive current capability.
The switching frequency can be Programmed between 200KHz and 400KHz by connect-
ing a resistor between Rt and Gnd. Floating the pin set the switching frequency to 200KHz
and grounding the pin set the switching frequency to 400KHz.
Compensation pin of the error amplifier. An external resistor and capacitor network is
typically connected from this pin to ground to provide loop compensation.
This pin provides soft-start for the switching regulator. An internal current source charges
an external capacitor that is connected from this pin to ground which ramps up the output
of the switching regulator, preventing it from overshooting as well as limiting the input
current. The converter can be shutdown by pulling this pin below 0.5V.
Error Amp
Fb Voltage Input Bias Current
Fb Voltage Input Bias Current
VP Voltage Range
Transconductance
Oscillator
Frequency
Ramp Amplitude
Output Drivers
Rise Time
Fall Time
Dead Band Time
Max Duty Cycle
Min Duty Cycle
SS=3V, Fb=1V
SS=0V, Fb=1V
Rt=Open
Rt=Gnd
CLOAD=1500pF
CLOAD=1500pF
Fb=1V, Freq=200KHz
Fb=1.5V
0.8
450
180
360
1.225
50
85
0
-0.1
-64
600
200
400
1.25
50
50
150
90
0
mA
mA
V
mmho
KHz
V
ns
ns
ns
%
%
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
2
3
4
5
14
6
7
8
9
10
11
12
13
Fb
VP
VREF
Vcc
NC
LDrv
Gnd
PGnd
HDrv
Vc
Rt
Comp
SS
IFB1
IFB2
gm
Freq
VRAMP
Tr
Tf
TDB
TON
TOFF
1.5
750
220
440
1.275
100
100
250
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com