Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 4 Page - Texas Instruments

  PCM1780 Datasheet HTML 1Page - Texas Instruments PCM1780 Datasheet HTML 2Page - Texas Instruments PCM1780 Datasheet HTML 3Page - Texas Instruments PCM1780 Datasheet HTML 4Page - Texas Instruments PCM1780 Datasheet HTML 5Page - Texas Instruments PCM1780 Datasheet HTML 6Page - Texas Instruments PCM1780 Datasheet HTML 7Page - Texas Instruments PCM1780 Datasheet HTML 8Page - Texas Instruments PCM1780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
DEVICE INFORMATION
PIN ASSIGNMENTS
ZEROR/ZEROA
VOUTL
VOUTR
VCOM
AGND
VCC
NC
NC
16
15
14
13
12
11
10
9
ZEROL/NA
MS
MC
MD
SCK
DATA
BCK
LRCK
PCM1780/PCM1782
(TOP VIEW)
1
2
3
4
5
6
7
8
ZEROA
VOUTL
VOUTR
VCOM
AGND
VCC
NC
TEST
16
15
14
13
12
11
10
9
FMT
DEMP0
DEMP1
MUTE
SCK
DATA
BCK
LRCK
PCM1781
(TOP VIEW)
1
2
3
4
5
6
7
8
P0014-01
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = 25°C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter Characteristics (Slow Rolloff, PCM1780/PCM1782)
Pass band
±0.5 dB
0.198 fS
Stop band
0.884 fS
Pass-band ripple
±0.5
dB
Stop-band attenuation
Stop band = 0.884 fS
–35
dB
Delay time
20/fS
s
De-emphasis error
±0.1
dB
ANALOG FILTER PERFORMANCE
at 20 kHz
–0.02
Frequency response
dB
at 44 kHz
–0.07
POWER SUPPLY REQUIREMENTS
VCC
Voltage range
4.5
5
5.5
Vdc
fS = 48 kHz
25
40
ICC
Supply current
fS = 96 kHz, system clock = 256 fS
30
mA
fS = 192 kHz, system clock = 128 fS
30
fS = 48 kHz
125
200
Power dissipation
fS = 96 kHz, system clock = 256 fS
150
mW
fS = 192 kHz, system clock = 128 fS
150
TEMPERATURE RANGE
TA
Operation temperature
–25
85
°C
θ
JA
Thermal resistance
115
°C/W
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com