Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 20Page - Texas Instruments PCM1780 Datasheet HTML 21Page - Texas Instruments PCM1780 Datasheet HTML 22Page - Texas Instruments PCM1780 Datasheet HTML 23Page - Texas Instruments PCM1780 Datasheet HTML 24Page - Texas Instruments PCM1780 Datasheet HTML 25Page - Texas Instruments PCM1780 Datasheet HTML 26Page - Texas Instruments PCM1780 Datasheet HTML 27Page - Texas Instruments PCM1780 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.ti.com
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 22
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
0
AZRO
ZREV
DREV
NOTE: RSV indicates a reserved bit that should be set to 0.
DREV: Output Phase Select
Default value: 0
DREV = 0
Normal output (default)
DREV = 1
Inverted output
The DREV bit allows the user to control the phase of the analog output signal.
ZREV: Zero-Flag Polarity Select
Default value: 0
ZREV = 0
Zero-flag pins HIGH at a zero detect (default)
ZREV = 1
Zero-flag pins LOW at a zero detect
The ZREV bit allows the user to select the polarity of the zero-flag pins.
AZRO: Zero Flag Function Select
Default value: 0
AZRO = 0
Pin 1: ZEROL; zero-flag output for L-channel
Pin 16: ZEROR; zero-flag output for R-channel
AZRO = 1
Pin 1: NA; not assigned
Pin 16: ZEROA; zero-flag output for L-/R-channel
The AZRO bit allows the user to select the function of zero-flag pins.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com