Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 23Page - Texas Instruments PCM1780 Datasheet HTML 24Page - Texas Instruments PCM1780 Datasheet HTML 25Page - Texas Instruments PCM1780 Datasheet HTML 26Page - Texas Instruments PCM1780 Datasheet HTML 27Page - Texas Instruments PCM1780 Datasheet HTML 28Page - Texas Instruments PCM1780 Datasheet HTML 29Page - Texas Instruments PCM1780 Datasheet HTML 30Page - Texas Instruments PCM1780 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
www.ti.com
Power Supplies and Grounding
D/A Output Filter Circuits
–
2
3
1
OPA2134
+
VOUT
R4
C2
C1
R3
R2
R1
VIN
A
V + *
R
2
R
1
S0053-01
PCB LAYOUT GUIDELINES
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
APPLICATION INFORMATION (continued)
The PCM1780/81/82 requires a 5-V supply for VCC.
Proper power supply bypassing is shown in Figure 28. The 0.1-
µF ceramic capacitor and the 10-µF electrolytic
capacitor are recommended.
Delta-sigma D/A converters use noise-shaping techniques to improve in-band signal-to-noise ratio (SNR)
performance at the expense of generating increased out-of-band noise above the Nyquist frequency, or fS/2. The
out-of-band noise must be low-pass filtered in order to provide optimal converter performance. This is
accomplished by a combination of on-chip and external low-pass filtering.
Figure 27(a) and Figure 29 show the recommended external low-pass active filter circuits for single- and
dual-supply applications. These circuits are second-order Butterworth filters using the multiple feedback (MFB)
circuit arrangement, which reduces sensitivity to passive component variations over frequency and temperature.
For more information regarding MFB active filter design, see Dynamic Performance Testing of Digital Audio D/A
Converters (SBAA055), available from the TI Web site at http://www.ti.com.
Figure 29. Dual-Supply Filter Circuit
A typical PCB floor plan for the PCM1780/81/82 is shown in Figure 30. A ground plane is recommended, with the
analog and digital sections being isolated from one another using a split or cut in the circuit board. The
PCM1780/81/82 should be oriented with the digital I/O pins facing the ground plane split/cut to allow for short,
direct connections to the digital audio interface and control signals originating from the digital section of the
board.
Separate power supplies are recommended for the digital and analog sections of the board. This prevents the
switching noise present on the digital supply from contaminating the analog power supply and degrading the
dynamic performance of the PCM1780/81/82. In cases where a common 5-V supply must be used for the analog
and digital sections, an inductance (RF choke, ferrite bead) should be placed between the analog and digital 5-V
supply connections to avoid coupling of the digital switching noise into the analog circuitry. Figure 31 shows the
recommended approach for single-supply applications.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com