Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 5 Page - Texas Instruments

  PCM1780 Datasheet HTML 1Page - Texas Instruments PCM1780 Datasheet HTML 2Page - Texas Instruments PCM1780 Datasheet HTML 3Page - Texas Instruments PCM1780 Datasheet HTML 4Page - Texas Instruments PCM1780 Datasheet HTML 5Page - Texas Instruments PCM1780 Datasheet HTML 6Page - Texas Instruments PCM1780 Datasheet HTML 7Page - Texas Instruments PCM1780 Datasheet HTML 8Page - Texas Instruments PCM1780 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS—PCM1780/PCM1782
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
12
–
Ground
BCK
7
I
Audio data bit clock input(1)
DATA
6
I
Audio data digital input(1)
LRCK
8
I
Audio data left and right clock input(1)
MC
3
I
Mode control clock input(1)(2)
MD
4
I
Mode control data input (1)(2)
MS
2
I
Mode control select input(1)(2)
NC
9, 10
–
No connection
SCK
5
I
System clock input(1)
VCC
11
–
Power supply, 5-V
VCOM
13
–
Common voltage decoupling
VOUTL
15
O
Analog output for L-channel
VOUTR
14
O
Analog output for R-channel
ZEROL/NA
1
O
Zero flag output for L-channel / No assign(3)
ZEROR/ZEROA
16
O
Zero flag output for R-channel / Zero flag output for L- and R-channels(3)
(1)
Schmitt-trigger input
(2)
Pulldown
(3)
Open-drain output (PCM1782)
TERMINAL FUNCTIONS—PCM1781
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
12
–
Ground
BCK
7
I
Audio data bit clock input(1)
DATA
6
I
Audio data digital input(1)
DEMP0
2
I
De-emphasis control(1)(2)
DEMP1
3
I
De-emphasis control(1)(2)
FMT
1
I
Data format select(1)(2)
LRCK
8
I
Audio data left and right clock input(1)
MUTE
4
I
Soft mute control(1)(2)
NC
10
–
No connection
SCK
5
I
System clock input(1)
TEST
9
–
Test pin for factory use. Must be LOW or open(1)(2)
VCC
11
–
Power supply, 5-V
VCOM
13
–
Common voltage decoupling
VOUTL
15
O
Analog output for L-channel
VOUTR
14
O
Analog output for R-channel
ZEROA
16
O
Zero flag output for L- and R-channels
(1)
Schmitt-trigger input
(2)
Pulldown
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com