Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 19Page - Texas Instruments PCM1780 Datasheet HTML 20Page - Texas Instruments PCM1780 Datasheet HTML 21Page - Texas Instruments PCM1780 Datasheet HTML 22Page - Texas Instruments PCM1780 Datasheet HTML 23Page - Texas Instruments PCM1780 Datasheet HTML 24Page - Texas Instruments PCM1780 Datasheet HTML 25Page - Texas Instruments PCM1780 Datasheet HTML 26Page - Texas Instruments PCM1780 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 20
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
FLT
RSV
RSV
FMT2
FMT1
FMT0
NOTE: RSV indicates a reserved bit that should be set to 0.
FMT[2:0]: Audio Interface Data Format
Default value: 101
FMT[2:0]
Audio Data Format Selection
000
24-bit right-justified format, standard data
001
20-bit right-justified format, standard data
010
18-bit right-justified format, standard data
011
16-bit right-justified format, standard data
100
I2S format, 16 to 24 bits
101
Left-justified format, 16 to 24 bits (default)
110
Reserved
111
Reserved
The FMT[2:0] bits are used to select the data format for the serial audio interface. The preceding table shows the
available format options.
FLT: Digital Filter Rolloff Control
Default value: 0
FLT = 0
Sharp rolloff (default)
FLT = 1
Slow rolloff
The FLT bit allows users to select the digital filter rolloff that is best suited to their application. Two filter rolloff
selections are available: sharp and slow. The filter responses for these selections are shown in the Typical
Performance Curves section of this data sheet
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 21
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DAMS
NOTE: RSV indicates a reserved bit that should be set to 0.
DAMS: Digital Attenuation Mode Select
Default value: 0
DAMS = 0
Fine step, 0.5 dB/step for 0 to –63 dB range (default)
DAMS = 1
Wide range, 1 dB/step for 0 to –100 dB range
The DAMS bit is used to select the digital attenuation mode.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com