Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 21Page - Texas Instruments PCM1780 Datasheet HTML 22Page - Texas Instruments PCM1780 Datasheet HTML 23Page - Texas Instruments PCM1780 Datasheet HTML 24Page - Texas Instruments PCM1780 Datasheet HTML 25Page - Texas Instruments PCM1780 Datasheet HTML 26Page - Texas Instruments PCM1780 Datasheet HTML 27Page - Texas Instruments PCM1780 Datasheet HTML 28Page - Texas Instruments PCM1780 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.ti.com
ANALOG OUTPUTS
VCOM Output
–
–
VCOM
OPA337
+
10
µF
+
PCM1780/81/82
Buffered VCOM
VCC
VOUTX†
PCM1780/81/82
A
V + *1, where AV + *
R
2
R
1
VCOM
† X = L or R
1/2
OPA2353
+
VCC
2
3
1
C1
R3
R2
C2
R1
10
µF
+
(a) Using VCOM to Bias a Single-Supply Filter Stage
(b) Using a Voltage Follower to Buffer VCOM When Biasing Multiple Nodes
S0054-01
R4
R5
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
The PCM1780/81/82 includes two independent output channels, VOUTL and VOUTR. These are unbalanced
outputs, each capable of driving 3.9 Vp-p typical into a 5-k
Ω ac-coupled load. The internal output amplifiers for
VOUTL and VOUTR are biased to the dc common voltage, equal to 0.5 VCC.
The output amplifiers include an RC continuous-time filter, which helps to reduce the out-of-band noise energy
present at the DAC outputs due to the noise-shaping characteristics of the PCM1780/81/82 delta-sigma D/A
converters. The frequency response of this filter is shown as ANALOG FILTER in the Typical Performance
Curves section. By itself, this filter is not enough to attenuate the out-of-band noise to an acceptable level for
many applications. An external low-pass filter is required to provide sufficient out-of-band noise rejection. Further
discussion of DAC post-filter circuits is provided in the Application Information section of this data sheet.
One unbuffered common voltage output pin, VCOM (pin 13), is brought out for decoupling purposes. This pin is
nominally biased to the dc common voltage, equal to VCC/2. This pin can be used to bias external circuits.
Figure 27 shows an example of using the VCOM pin for external biasing applications.
Figure 27. Biasing External Circuits Using the VCOM Pin
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com