Electronic Components Datasheet Search
  English  ▼

X  

PCM1780 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1780
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1780 Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1780 Datasheet HTML 15Page - Texas Instruments PCM1780 Datasheet HTML 16Page - Texas Instruments PCM1780 Datasheet HTML 17Page - Texas Instruments PCM1780 Datasheet HTML 18Page - Texas Instruments PCM1780 Datasheet HTML 19Page - Texas Instruments PCM1780 Datasheet HTML 20Page - Texas Instruments PCM1780 Datasheet HTML 21Page - Texas Instruments PCM1780 Datasheet HTML 22Page - Texas Instruments PCM1780 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
MODE CONTROL REGISTERS (PCM1780/82)
User-Programmable Mode Controls
Register Map
PCM1780, PCM1781, PCM1782
SLES132A – MARCH 2005 – REVISED APRIL 2005
The PCM1780/82 includes a number of user-programmable functions, which are accessed via control registers.
The registers are programmed using the serial control interface, which was previously discussed in the Software
Control section of this data sheet. Table 5 lists the available mode control functions, along with their reset default
conditions and associated register index.
The mode control register map is shown in Table 6. Each register includes an index (or address) indicated by the
IDX[6:0] bits.
Table 5. User-Programmable Mode Controls
FUNCTION
RESET DEFAULT
REGISTER
BIT(S)
Digital attenuation control, 0 dB to –63 dB in 0.5-dB
0 dB, no attenuation
16 and 17
AT1[7:0], AT2[7:0]
steps
Soft mute control
Mute disabled
18
MUT[2:0]
Oversampling rate control
×64, ×32, ×16
18
OVER
Soft reset control
Reset disabled
18
SRST
DAC operation control
DAC1 and DAC2 enabled
19
DAC[2:1]
De-emphasis function control
De-emphasis disabled
19
DM12
De-emphasis sample rate selection
44.1 kHz
19
DMF[1:0]
Audio data format control
24-bit, left-justified
20
FMT[2:0]
Digital filter rolloff control
Sharp rolloff
20
FLT
Digital attenuation mode select
0 to –63 dB, 0.5 dB/step
21
DAMS
Output phase select
Normal Phase
22
DREV
Zero-flag polarity select
High
22
ZREV
Zero-flag function select
L-, R-channels independent
22
AZRO
Table 6. Mode Control Register Map
IDX
REGIS-
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
(B8–B14)
TER
10h
16
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
11h
17
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
12h
18
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0 SRST OVER
RSV
RSV
RSV
RSV
MUT2
MUT1
13h
19
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
RSV
DMF1 DMF0 DM12
RSV
RSV
DAC2
DAC1
14h
20
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
RSV
RSV
FLT
RSV
RSV
FMT2
FMT1
FMT0
15h
21
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
RSV
RSV
RSV
RSV
RSV
RSV
RSV
DAMS
16h
22
0
IDX6 IDX5 IDX4 IDX3 IDX2 IDX1 IDX0
RSV
RSV
RSV
RSV
0
AZRO ZREV
DREV
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com