Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 12 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 12 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 9Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 16Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 12
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.1.3 Bandwidth
These three bits (address 14h, bits 2-0) are used to setup the digital filtering of ADC output data
to obtain the desired bandwidth. A second order analogue filter defines the max. bandwidth to
1.5kHz. Digital filters can be activated to reduce the bandwidth down to 25Hz in order to reduce
signal noise. The digital filters are moving average filters of various length with a refresh rate of
3kHz.
Since the bandwidth is reduced by a digital filter for the factor ½ , ¼, ... of the analogue filter
frequency of 1.5kHz the mean values of the bandwidth are slightly deviating from the rounded
nominal values. Table 4 shows the corresponding data:
Table 4: Settings of bandwidth
bandwidth<2:0>
Nominal selected bandwidth
[Hz]
Min.
Mean
bandwidth[Hz]
Max.
000
25
23
001
50
47
010
100
94
011
190
188
100
375
375
101
750
750
110
1500
1500
111
Not authorised code
-
-
-
At wake-up from sleep mode to normal operation, the bandwidth is set to its maximum value
and then reduced to bandwidth setting as soon as enough ADC samples are available to fill the
whole digital filter.
Important note:
Please refer to the comment in chapter 3 of how to protect bits 5, 6 and 7 when modifying other
bits of register 14h.
3.1.4 Wake_up
This bit (address 15h, bit 0) makes BMA150 automatically switching from sleep mode to normal
mode after the delay defined by wake_up_pause (section 3.1.5). When the sensor IC goes from
sleep to normal mode, it starts acceleration acquisition and performs interrupt verification
(section 3.2). The sensor IC automatically switches back from normal to sleep mode again if no
fulfilment of programmed interrupt criteria has been detected. The IC wakes-up for a minimum
duration which depends on the number of required valid acceleration data to determine if an
interrupt should be generated.
If a latched interrupt is generated, this can be used to wake-up a microprocessor. The sensor IC
will wait for a reset_INT command and restart interrupt verification. BMA150 can not go back to
sleep mode if reset_INT is not issued after a latched interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com