Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 36 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 36 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 37Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 38Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 39Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 40Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 36
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.2.1 I²C protocol:
The BMA150 I²C slave address is coded on 7 bits (0111000b=38h) fixed by a metal option.
Thus I²C write address is 01110000b (=70h), read address is 01110001b (=71h).
After a start condition, the slave address + RW bit must be send. If the slave address does not
match with BMA150 there is no acknowledgement and the following data transfer will not affect
the chip. If the slave address corresponds to BMA150 it will acknowledge (pull SDA down during
9th clock pulse) and data transfer is enabled. The 8th bit RW sets the chip in read or write
mode, RW=1 for reading, RW=0 for writing.
After slave address and RW bit, the master sends 1 control byte: the 7-bit register address and
one dummy bit.
When BMA150 is accessed in write mode, sequences of 2 bytes (= 1 control byte to define
which address will be written and 1 data byte) must be sent:
Figure 15: I²C multiple write protocol
Start
RW ACK
ACK
ACK
011
100
00
X
000
100
1
X
X
X
X
X
X
X
X
…
ACK
ACK Stop
…
X
000
111
1
X
X
X
X
X
X
X
X
Register adress (0Fh)
S
Slave Adress
Control byte
Data byte
Register data - adress 09h
Register adress (09h)
Control byte
Data byte
P
Register data - adress 0Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com