Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 5 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 5 Page - Bosch Sensortec GmbH

  BMA150 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 2Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 3Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 4Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 5
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
1. Specification
If not stated otherwise, the given values are maximum values over lifetime and full performance
temperature/voltage range in the normal operation mode.
Table 1: Operating range, output signal and mechanical specifications of BMA150
Parameter
Symbol
Condition
Min
Typ
Max
Units
OPERATING RANGE
gFS2g
-2
2
g
gFS4g
-4
4
g
Acceleration range
gFS8g
Switchable via serial
digital interface
-8
8
g
Supply voltage
analogue
VDD
2.4
3.6
V
Supply voltage for
digital I/O
VDDIO
VDDIO
≤ VDD
1.62
3.6
V
Supply current in
normal mode
IDD
Digital and analog
200
290
µA
Supply current in
stand-by mode *
IDDsbm
Digital and analog
1
2
µA
Operating
temperature
TA
-40
+85
°C
ACCELERATION OUTPUT SIGNAL
Acceleration output
resolution
Format:
2’s complement
10
Bit
S2g
g-range ±2g
246
256
266
LSB/g
S4g
g-range ±4g
122 **
128
134 **
LSB/g
Sensitivity
S8g
g-range ±8g
61 **
64
67 **
LSB/g
Zero-g offset
Off
TA=25°C, calibrated
-60
60
mg
Zero-g offset
Off
TA=25°C , over
lifetime ***
-150
150
mg
Zero-g offset
temperature drift
Over TA
1
mg/K
Power supply
rejection ratio
PSRR
Over VDD
0.2
LSB/V
* For more details on the BMA150’s current consumption during wake-up mode, please refer to chapter 7.2 & 7.3
** Values here are given as indications for reference only
*** The offset can deviate from the original calibration mainly due to stress effects during soldering depending on the
soldering process. For many applications it is beneficial to re-calibrate the offset after PCB assembly (see application
note ANA016 “In-line offset re-calibration”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com