Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMA150 Datasheet HTML 1Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 2Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 3Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 4Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 5Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 6Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 7Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 8Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 2
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMA150
Digital, triaxial
±2g/±4g/±8g acceleration sensor
Key features
•
Three-axis accelerometer
•
Temperature output
•
Small package
LGA package
Footprint 3mm x 3mm, height 0.90mm
•
Digital interface
SPI (4-wire, 3-wire), I²C, interrupt pin
•
Programmable functionality g-range ±2g/±4g/±8g, bandwidth 25-1500Hz, internal
acceleration evaluation for interrupt trigger also enabling
stand-alone capability (without use of microcontroller),
self-test
•
Ultra-low power ASIC
Low current consumption, short wake-up time,
advanced features for system power management
•
Eco-friendly
RoHS compliant
Halogen-free (part number 0 273 141 043 only)
Typical applications
•
HDD protection
•
Menu scrolling, tap sensing function
•
Gaming
•
Pedometer/step-counting
•
Drop detection for warranty logging
•
Display profile switching
•
Advanced system power management for mobile applications
•
Shock detection
General description
The BMA150 is a triaxial, low-g acceleration sensor IC with digital output for consumer market
applications. It allows measurements of acceleration in perpendicular axes as well as absolute
temperature measurement.
An evaluation circuitry converts the output of a three-channel micromechanical acceleration-
sensing structure that works according to the differential capacitance principle.
Package and interface have been defined to match a multitude of hardware requirements. Since
the sensor IC has small footprint and flat package it is attractive for mobile applications. The
sensor IC can be programmed to optimize functionality, performance and power consumption in
customer specific applications.
The BMA150 senses tilt, motion and shock vibration in cell phones, handhelds, computer
peripherals, man-machine interfaces, virtual reality features and game controllers.
The BMA150 is the LGA package version of the SMB380 triaxial acceleration sensor which is
available in a 3mm x 3mm x 0.9mm QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com