Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 10Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 11Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 12Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 13Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 14Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 15Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 16Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 17Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 14
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3.2 Interrupt settings
Five different types of interrupts can be programmed. When the corresponding criterion
becomes valid, the interrupt pin is triggered to a high level. All interrupt criteria are combined
and drive the interrupt pad with an Boolean <OR> condition.
Interrupt generations may be disturbed by changes of EEPROM, image or other control bits
because some of these bits influence the interrupt calculation. As a consequence, no write
sequence should occur when microprocessor is triggered by interrupt or the interrupt should be
deactivated on the microprocessor side when write sequences are operated.
Interrupt criteria are using digital code coming from digital filter output. As a consequence all
thresholds are scaled with range selection (section 3.1.3.2). Timings used for high acceleration
and low acceleration debouncing are absolute values (1 LSB of HG_dur and LG_dur registers
corresponds to 1 millisecond, timiming accuracy is proportional to oscillator accuracy = +/-10%),
thus it does not depend on selected bandwidth. Timings used for any motion interrupt and alert
detection are proportional to bandwidth settings (section 3.1.3).
3.2.1 Enable_LG:
This bit (address 0Bh, bit 0) enables the LG_thres criteria to generate an interrupt.
3.2.2 Enable_HG:
This bit (address 0Bh, bit 1) enables the HG_thres criteria to generate an interrupt.
3.2.3 Enable_adv_INT:
This bit (address 15h, bit 6) is used to disable advanced interrupt control bits (any_motion,
alert). If enable_adv_INT=0, writing to these bits has no effect on sensor IC function.
3.2.4 Any_motion:
This bit ((address 0Bh, bit 6)enables the any motion criteria to generate directly an interrupt. It
can not be turned on simultaneously with alert. This bit can be masked by enable_ adv_INT, the
value of this bit is ignored when enable_adv_INT=0 (section 3.2.3).
3.2.5 Alert:
If this bit (address 0Bh, bit 7) is at 1, the any_motion criterion will set BMA150 into alert mode
(section 3.2.9). This bit can be masked by enable_adv_INT, the value of this bit is ignored when
enable_adv_INT=0 (section 3.2.3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com