Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 33 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 33 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 29Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 30Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 31Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 32Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 33Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 34Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 35Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 36Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 37Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 33
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Table 11: Specification of I²C serial interface (SDI=SDA)
Interface parameters :
Conditions
Min.
Typ.
Max.
unit
Input - low level
Vil_si
VDDIO=1.62V to 3.6V
0.3*VDDIO
V
Input - high level
Vih_si
VDDIO=1.62V to 3.6V
0.7*VDDIO
V
Output – low level
Vol_SDI
VDDIO=1.8V, iol=3 mA
0.4
V
Output – high level
Voh_SDI
VDDIO=1.8V, ioh=1mA
1.4
V
I²C bus load capacitor Cb
On SDI and SCK
100
pF
I²C timings :
SCK frequency
FI²C
3.4
MHz
SCK low period
Tlow
160
ns
SCK high period
Thigh
60
ns
SDI setup time
Tsudat
10
ns
SDI hold time
Thddat
10
70
ns
Setup time
for a repeated
start condition
Tsusta
160
ns
Hold time for a
start condition
Thdsta
160
ns
Setup time for a
stop condition
Tsusto
160
ns
Time before a new
transmission can start
Tbuf
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com