Electronic Components Datasheet Search
  English  ▼

X  

BMA150 Datasheet(PDF) 53 Page - Bosch Sensortec GmbH

Part # BMA150
Description  Digital, triaxial acceleration sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMA150 Datasheet(HTML) 53 Page - Bosch Sensortec GmbH

Back Button BMA150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 49Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 52Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 53Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 54Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 55Page - Bosch Sensortec GmbH BMA150 Datasheet HTML 56Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.6
Page 53
30 October 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
time
|a|
Freefall threshold
Evaluation duration
INT
low
high
Latched INT
High-g threshold
acceleration
Hysteresis
Reset INT
Figure 30: Explanation of freefall and high-g detection. Please see explanation within the text.
9.3 Any motion detection
The “any motion algorithm” can be used to detect changes of the acceleration. Thus it provides
a relative evaluation of the acceleration signals. The criterion is kind of a gradient threshold of
the acceleration over time. Thus one can distinguish between fast events with strong inertial
dynamic (e.g. shock), instant changes of force balance (e.g. drop, tumbling) and even slight
changes (e.g. touch of a mobile device).
Due to a high bandwidth and a fast response MEMS device the BMA150 is capable to detect
shock situations. The “any motion interrupt” or a high-g criterion setting can be used to give a
shock alert. The phase shift between onset of mechanical shock and interrupt output is defined
by the mechanical transfer function of the chassis and internal mounting interfaces (e.g. PDA
shell) and the data output rate of the sensor IC (currently 330µsec, 100µsec under
consideration).
See also section 3.2.9.
9.4 Alert Mode
Using the BMA150 it is possible to combine the “any motion criterion” with low-g and high-g
interrupt logic to improve the reaction time for e.g. free-fall identification.
See also sections 3.2.9 and 3.4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com