Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
13
Oct. 02, 2018
Version: 1.3
5.12.2. Key scan function
The Key Scan function is output at IOA[7:0] and input with
IOA[15:8] under 64 keys mode.
Additional three outputs IOB[2:0]
are required under 88 keys mode.
The IOA [7:0] are shared with
LCD data [7:0], which means the Key Scan function can still work
even when 8-bit-data-bus LCD Display is turned on.
However,
when 16-bit data bus TFT-LCD panel is connected, the Key Scan
function cannot work.
Note that when Key Scan function IOA is
shared with LCD panel, each output must connect a diode serially
to the key pad, which prevents possible LCD glitch caused by
contention when more than one key is pressed at the same time.
The following diagram shows an example of the connection.
IOA[0]
IOA[1] IOA[2] IOA[3] IOA[4] IOA[5] IOA[6] IOA[7]
IOA[8]
IOA[9]
IOA[10]
IOA[11]
IOA[12]
IOA[13]
IOA[14]
IOA[15]
CLD[0] CLD[1] CLD[2] CLD[3] CLD[4] CLD[5] CLD[6] CLD[7]
5.13. Timer / Counter
Six 16-bit timers/counters are designed in GPL32611B: TimerA,
TimerB, TimerC, TimerD, TimerE, and TimerF.
The clock source
of each timer can be set individually.
For TimerA to TimerD, an
INT will be sent to CPU when timer overflow occurs.
Besides,
Capture, Comparison and PWM functions are also provided by
TimerA/TimerB/TimerC.
Clock Source A
Clock Source B
Fosc/2
2048Hz
Fosc/256
1024Hz
32768Hz
256Hz
8192Hz
Time Base B
4096Hz
Time Base A
1
0
Another Timer
1
INT1
INT2
The GPL32611B also features a Time Base controller to generate
slow and precise interrupts form 32768Hz crystal.
The following
table shows the available Time Base.
TimeBase A
TimeBase B
TimeBase C
--
8Hz
128Hz
1Hz
16Hz
256Hz
2Hz
32Hz
512Hz
4Hz
64Hz
1024Hz
5.14. Watchdog
The purpose of watchdog is to monitor whether or not the system
is operating normally.
Within a certain period, watchdog must be
cleared; otherwise, CPU assumes the program has been running
in an abnormal condition.
As a result, the CPU will reset the
system to the initial state and start running the program all over
again.
In GPL32611B, the clear period is software programmable.
If watchdog is cleared before the period expires, the system will
not be reset.
5.15. Serial Interface
5.15.1. Serial Peripheral Interface (SPI)
The SPI interface is a master/slave interface that enables
synchronous serial communication with slave/master peripherals.
Two 8-byte FIFOs are used for transmitting and receiving
functions.
Four types of timings are supported and shown in the
following diagram.
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 0, SPH = 0, only this mode is supported in SPI slave mode.
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
SPO = 0, SPH = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com