Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 9 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 9 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 5Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 6Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
9
Oct. 02, 2018
Version: 1.3
Package No
Name
Group
Type
Normal Function Description
GPIO Group
VSS
Digital GND
G
Digital ground
XD3
SDRAM I/F
I/O
SDRAM data pin 3
XD4
SDRAM I/F
I/O
SDRAM data pin 4
84
VDD33
Digital PWR
P
3.3V digital power
VDD33
Digital PWR
P
3.3V digital power
XD5
SDRAM I/F
I/O
SDRAM data pin 5
XD6
SDRAM I/F
I/O
SDRAM data pin 6
VSS
Digital GND
G
Digital ground
VSS
Digital GND
G
Digital ground
85
XA20
Memory I/F
I/O
External memory address pin 20
IOG5
XD7
SDRAM I/F
I/O
SDRAM data pin 7
86
XA19
Memory I/F
I/O
External memory address pin 19
IOG6
87
BKOEB
Memory I/F
I/O
External memory output enable pin
IOH0
88
VDD12
Digital PWR
P
1.2 digital power
88
V12_MIPI
MIPI
P
MIPI 1.2V power
89
IOE2
UART
I/O
UART/IrDA transmit data pin
MIPI CLKP
90
IOE3
UART
I/O
UART/IrDA receive data pin
MIPI CLKN
91
IOB5
TFT/LCD
I/O
TFT vertical start pulse
MIPI DP
92
IOB6
TFT/LCD
I/O
TFT horizontal start pulse
MIPI DN
93
VSS_MIPI
MIPI
G
MIPI Ground
94
NC
95
VOL
ADAC
AO
Left channel audio output
96
VSS_DA16
ADAC
P
ADAC ground
97
VREF_DA16
ADAC
AO
ADAC reference voltage
98
V33_DA16
ADAC
P
3.3V ADAC power
99
VOR
ADAC
AO
Right channel audio output
100
IOC3
SPI
I/O
SPIRX: SPI data input
101
IOC2
SPI
I/O
SPITX: SPI data output
102
IOC1
SPI
I/O
SPICLK: SPI clock
103
IOC10
EXT
I/O
External INT B
104
IOB7
GPIO
I/O
GPIO
105
IOB4
GPIO
I/O
GPIO
106
IOB15
TFT/LCD
I/O
TFT-
LCD’s D23
107
IOB14
TFT/LCD
I/O
TFT-
LCD’s D22
108
IOB13
TFT/LCD
I/O
TFT-
LCD’s D21
109
IOB12
TFT/LCD
I/O
TFT-
LCD’s D20
110
IOB11
TFT/LCD
I/O
TFT-
LCD’s D19
111
IOB10
TFT/LCD
I/O
TFT-
LCD’s D18
112
VDD33
Digital PWR
P
3.3V digital power
XA17
SDRAM I/F
I/O
SDRAM address pin 17
115
VSS
Digital GND
G
Digital ground
116
IOB9
TFT/LCD
I/O
TFT-
LCD’s D17
117
IOB8
TFT/LCD
I/O
TFT-
LCD’s D16
118
RESETB
SYSTEM
I
Reset input pin. (Low active)
119
BM1
MODE
I/O
Boot mode select pin 1, default input floating
IOF14
120
TEST
MODE
I
Test mode control signal, connect to ground for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com