Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 14 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 14 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
14
Oct. 02, 2018
Version: 1.3
MSB
LSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
SPO = 1, SPH = 0
MSB
SCLK
SFRM
SSPTXD
SSPOE
8 bits
MSB
LSB
SSPRXD
Q
Q
LSB
SPO = 1, SPH = 1
5.15.2. UART/IrDA function
The UART/IrDA controller inside the GPL32611B supports baud
rate up to 1.8432MHz (UART).
There are two dedicated 16-byte
FIFOs.
One is used to prevent the data loss when receiving data
and the other is used to transmit data.
DMA transfer is available
for both transmitting and receiving operations.
5.15.3. USB2.0 Mini-host/Device function
The GPL32611B has USB2.0 mini-host and device function,
compatible with USB 1.1 and USB 2.0 high speed standards.
The mini-host and device function are not allowed to be active at
the same time.
An USB transceiver is built-in for both host and
devices function.
A FIFO with size of 1024x8 is used for bulk-in
and bulk-out transfer and a 64-byte FIFO is used for control pipe
transfer.
Interrupt IN/OUT pipes are also supported.
The DMA
transfer is enabled for bulk-in/out to maximize the transfer
performance.
5.16. DMA Controller
The GPL32611B provides four DMA channels and each channel
can be individually configured in I/O to MEM, MEM to I/O or MEM
to MEM mode.
5.17. Secure Digital / Multi-Media Card Controller
The
SD/MMC
controller
is
compatible
with
MMC
system
specification version 2.3, SD Memory Card specification 2.0,
SDHC and SDIO card interface.
The controller supports
automatically CRC generation and check, 1-bit and 4-bit transfer,
interrupt generation when buffer empty/full, DMA transfer for page
read/write.
5.18. Memory Stick Controller
The GPL32611B supports Memory Stick/Memory Stick PRO
controller, compatible with Memory Stick PRO Spec ver.1.02.
It
provides one data signal in serial mode or four data signals in
parallel mode and it uses CRC16 as a transaction protection code.
An 8x32 bits bi-direction FIFO is featured when using page
read/write TPC command.
Multi-bytes register read/write and a
page read/write by DMA are available.
5.19. Boost DC-DC Control Logic
The GPL32611B supports 2-channel DC-DC Boost control circuit
for LED Backlight and VGH/VGL voltage generator of TFT-LCD
drivers to reduce the cost of application circuit.
5.20. Real Time Clock (RTC)
The RTC block supports independent power supply, and also
offers the alarm function, schedule function, and day/ hour/
minute/ second/ half-second interrupt function.
5.21. Multiple Face Detection
The GPL32611B supports hardware face detecting acceleration.
In addition, t With the flexibility of programmable feature table, the
engine can become a gesture or eye detection accelerator and it
supports resolution up to 320x240 @5 fps for face detection,
YUV422,Y input source format and source image rotation
( 0,90,180,270 degree).
5.22. MIPI Function
The GPL32611B supports a mobile industry processor interface
(MIPI) controller.
This engineer can support one data lane and
output CCIR601 interface.
5.23. Analog Control
5.23.1. DAC control
A 16-bit stereo DAC (2-channel) is embedded for both left and
right channels.
A 16x16 FIFO is used to prevent the sound glitch
when CPU is busy.
The left and right channels do not need to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com