Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 6 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 6 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 2Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 3Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 4Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 5Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 6Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
6
Oct. 02, 2018
Version: 1.3
4. SIGNAL DESCRIPTIONS
Package No
Name
Group
Type
Normal Function Description
GPIO Group
128
V12_REG
REG
P
Regulator 1.2V output
128
V12_REG
REG
P
Regulator 1.2V output
1
V12_FB
REG
P
Regulator 1.2V feedback pin
2
VSS_REG
REG
P
Regulator ground
3
V33_REG
REG
P
3.3V Regulator power
3
V33_REG
REG
P
3.3V Regulator power
3
V33_IO
PWM
P
3.3V PWM power
4
FB1
PWM
AI,I/O
PWM1 feedback pin
IOG14
5
FB0
PWM
AI,I/O
PWM0 feedback pin
IOG11
6
VSS_IO
PWM
P
PWM ground
7
PWM1
PWM
AO,I/O
PWM1 switch control pin
IOG13
8
VC1
PWM
AO,I/O
PWM1 frequency compensation pin
IOG15
9
PWM0
PWM
AO,I/O
PWM0 switch control pin
IOG10
10
AVSSRX
USB20PHY
P
USB20phy RX ground
10
AVSSTX
USB20PHY
P
USB20phy TX ground
11
DM
USB20PHY
AI/O
USB20phy DM signal
12
DP
USB20PHY
AI/O
USB20phy DP signal
13
AVDDRX
USB20PHY
P
USB20phy RX power
13
AVDDTX
USB20PHY
P
USB20phy TX power
13
VDD33
Digital PWR
P
3.3V digital power
14
BKWEB
SDRAM I/F
I/O
SDRAM write enable pin
XA16
SDRAM I/F
I/O
SDRAM address pin 16:CAS
XA15
SDRAM I/F
I/O
SDRAM address pin 15:RAS
SDRAM_CSB
SDRAM I/F
I/O
SDRAM Chip select
IOF4
XA13
SDRAM I/F
I/O
SDRAM address pin 13:BANK0
IOG8
XA14
SDRAM I/F
I/O
SDRAM address pin 14:BANK1
IOG7
XA10
SDRAM I/F
I/O
SDRAM address pin 10
XA0
SDRAM I/F
I/O
SDRAM address pin 0
XA1
SDRAM I/F
I/O
SDRAM address pin 1
XA2
SDRAM I/F
I/O
SDRAM address pin 2
XA3
SDRAM I/F
I/O
SDRAM address pin 3
14
VDD33
Digital PWR
P
3.3V digital power
VDD33
Digital PWR
P
3.3V digital power
15
IOB2
TFT/LCD
I/O
TFT VSYNC; TFT CKV
16
IOB3
TFT/LCD
I/O
TFT DCLK
17
IOC11
NAND IF
I/O
Nand flash ready
18
BKCSB2
Memory I/F
I/O
SDRAM chip select 2
IOF2
19
BKCSB1
Memory I/F
I/O
SDRAM chip select 1
IOF1
VSS
Digital GND
G
Digital ground
20
VSS
Digital GND
G
Digital ground
XA4
SDRAM I/F
I/O
SDRAM address pin 4
XA5
SDRAM I/F
I/O
SDRAM address pin 5
XA6
SDRAM I/F
I/O
SDRAM address pin 6
XA7
SDRAM I/F
I/O
SDRAM address pin 7
XA8
SDRAM I/F
I/O
SDRAM address pin 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com