Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 22 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 22 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 19Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 20Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 21Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 22Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
22
Oct. 02, 2018
Version: 1.3
10. REVISION HISTORY
Date
Revision #
Description
Page
Oct. 02, 2018
1.3
Add Note 4 to chapter 8.1.
19
Sep 29, 2016
1.2
1. Replace VDAC Characteristics Table.
2. Replace ADC Characteristics.
3. Replace DAC Characteristics.
4. Replace DC2DC Characteristics.
5. Add note1 about using 32K or 12M Crystal: Note1: If 12M crystal is not applied on the
system, the system will not support USB and TV function.
6. Add note2 about 12M Crystal: Note2: If Vpp, min = 1.2V @VDD =3.3V or Vpp, min = 1V
@VDD =2.6V, the 12MHz crystal can normal work.
16
17
17
17
18
18
Jul 29, 2015
1.1
Remove Note3 from 6.2 DC Characteristics Table
16
Mar 27, 2015
1.0
Modify DC Characteristics.
16
Oct 20, 2014
0.4
Modify Ordering Information.
19
May 22, 2014
0.3
Modify the crystal from 6MHz to 12MHz in the content of Crystal and PLL chapter
18
Nov. 21, 2013
0.2
1.
Modify Block Diagram add Embedded SDRAM Size and LDO Function
2.
Modify 4.SIGNAL DESCRIPTION
3.
Modify 6.2 DC Characteristic
May 02, 2013
0.1
Preliminary version.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com