Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 8 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 4Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 5Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 6Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
8
Oct. 02, 2018
Version: 1.3
Package No
Name
Group
Type
Normal Function Description
GPIO Group
60
IOI8
NAND IF
I/O
Nand ALE
61
IOI9
NAND IF
I/O
Nand CLE
62
V33_ADC
ADC
P
3.3V ADC Power
63
LINEIN0
ADC
A/I
LINEIN0 of 12-bit ADC
IOF6
64
LINEIN1
ADC
A/I
LINEIN1 of 12-bit ADC
IOF7
65
LINEIN2
ADC
A/I
LINEIN2 of 12-bit ADC
IOF8
66
LINEIN3
ADC
A/I
LINEIN3 of 12-bit ADC
IOF9
67
LINEIN4
ADC
A/I
LINEIN4 of 12-bit ADC
IOH6
68
LINEIN5
ADC
A/I
LINEIN5 of 12-bit ADC
IOH7
69
MICIN
ADC
I/O
MIC
IOH8
70
VREF
ADC
I/O
MIC
IOH9
71
VSS_ADC
ADC
P
ADC ground
72
IOC9
SD/MS I/F
I/O
SD DATA2 / MS DATA2
73
IOC8
SD/MS I/F
I/O
SD DATA1 / MS DATA1
74
IOC7
SD/MS I/F
I/O
SD DATA0 / MS DATA0
75
IOC6
SD/MS I/F
I/O
SD DATA3 / MS DATA3
76
IOC5
SD/MS IF
I/O
SD CLK / MS CLK
77
IOC4
SD/MS IF
I/O
SD CMD / MS BS
78
EXT_A
EXT
I/O
External INT0
IOF5
79
BM2
MODE
I/O
Boot mode select pin 2, default input floating
IOF15
XD8
SDRAM I/F
I/O
SDRAM data pin 8
80
VDD33
Digital PWR
P
3.3V digital power
VDD33
Digital PWR
P
3.3V digital power
XD9
SDRAM I/F
I/O
SDRAM data pin 9
XD10
SDRAM I/F
I/O
SDRAM data pin 10
VSS
Digital GND
G
Digital ground
VSS
Digital GND
G
Digital ground
XD11
SDRAM I/F
I/O
SDRAM data pin 11
XD12
SDRAM I/F
I/O
SDRAM data pin 12
81
VDD33
Digital PWR
P
3.3V digital power
VDD33
Digital PWR
P
3.3V digital power
XD13
SDRAM I/F
I/O
SDRAM data pin 13
XD14
SDRAM I/F
I/O
SDRAM data pin 14
VSS
Digital GND
G
Digital ground
VSS
Digital GND
G
Digital ground
XD15
SDRAM I/F
I/O
SDRAM data pin 15
VSS
Digital GND
G
Digital ground
82
VSS
Digital GND
G
Digital ground
VDD33
Digital PWR
P
3.3V digital power
83
VDD33
Digital PWR
P
3.3V digital power
XD0
SDRAM I/F
I/O
SDRAM data pin 0
83
VDD33
Digital PWR
P
3.3V digital power
VDD33
Digital PWR
P
3.3V digital power
XD1
SDRAM I/F
I/O
SDRAM data pin 1
XD2
SDRAM I/F
I/O
SDRAM data pin 2
VSS
Digital GND
G
Digital ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com