Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 3Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 4Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 5Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 6Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
7
Oct. 02, 2018
Version: 1.3
Package No
Name
Group
Type
Normal Function Description
GPIO Group
XA9
SDRAM I/F
I/O
SDRAM address pin 9
XA11
SDRAM I/F
I/O
SDRAM address pin 11
XA12
SDRAM I/F
I/O
SDRAM address pin 12
IOG9
SDRAM_CKE
SDRAM I/F
I/O
SDRAM CKE
IOH1
SDRAM_CLK
SDRAM I/F
I/O
SDARAM CLK
20
VSS
Digital GND
G
Digital ground
21
V33_RTC
PLL
P
3.3V RTC power
22
X32KI
PLL
I
32768 Hz crystal input pin
23
X32KO
PLL
O
32768 Hz crystal output pin
24
ALM
PLL
P
RTC Alarm
25
VSS_CLKGEN
PLL
O
PLL Ground
26
X12MI
PLL
I
12MHz crystal input pin
27
X12MO
PLL
O
12MHz crystal output pin
28
V33_CLKGEN
PLL
P
3.3V PLL power
29
V33_VDAC
VDAC
P
3.3V VDAC power
30
AOUT
VDAC
AO, I/O
Video DAC output
31
CBU
VDAC
AO
Video DAC reference voltage
32
VSS_VDAC
VDAC
G
3.3V VDAC ground
33
IOA15
TFT/LCD
I/O
TFT-
LCD’s D15 / Key-scan’s input 7
34
IOA14
TFT/LCD
I/O
TFT-
LCD’s D14 / Key-scan’s input 6
35
IOA13
TFT/LCD
I/O
TFT-
LCD’s D13 / Key-scan’s input 5
36
IOA12
TFT/LCD
I/O
TFT-
LCD’s D12 / Key-scan’s input 4
37
IOA11
TFT/LCD
I/O
TFT-
LCD’s D11 / Key-scan’s input 3
38
IOA10
TFT/LCD
I/O
TFT-
LCD’s D10 / Key-scan’s input 2
39
IOA9
TFT/LCD
I/O
TFT-
LCD’s D9 / Key-scan’s input 1
40
IOA8
TFT/LCD
I/O
TFT-
LCD’s D8 / Key-scan’s input 0
41
IOA7
TFT/LCD
I/O
TFT-
LCD’s D7 / Key-scan’s output 7
42
IOA6
TFT/LCD
I/O
TFT-
LCD’s D6 / Key-scan’s output 6
43
IOA5
TFT/LCD
I/O
TFT-
LCD’s D5 / Key-scan’s output 5
44
IOA4
TFT/LCD
I/O
TFT-
LCD’s D4 / Key-scan’s output 4
45
IOA3
TFT/LCD
I/O
TFT-
LCD’s D3 / Key-scan’s output 3
46
IOA2
TFT/LCD
I/O
TFT-
LCD’s D2 / Key-scan’s output 2
47
IOA1
TFT/LCD
I/O
TFT-
LCD’s D1 / Key-scan’s output 1
XA18
SDRAM I/F
I/O
SDRAM address pin 18
48
IOA0
TFT/LCD
I/O
TFT-
LCD’s D0 / Key-scan’s output 0
49
VSS
Digital GND
G
Digital ground
50
VDD12
Digital PWR
P
1.2 digital power
51
VDD33
Digital PWR
P
3.3V digital power
52
IOI0
NAND IF
I/O
Nand Data0
53
IOI1
NAND IF
I/O
Nand Data1
54
IOI2
NAND IF
I/O
Nand Data2
55
IOI3
NAND IF
I/O
Nand Data3
56
IOI4
NAND IF
I/O
Nand Data4
57
IOI5
NAND IF
I/O
Nand Data5
58
IOI6
NAND IF
I/O
Nand Data6
59
IOI7
NAND IF
I/O
Nand Data7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com