Electronic Components Datasheet Search
  English  ▼

X  

GPL32611B Datasheet(PDF) 11 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 11 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 7Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 8Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 9Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 10Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 11Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
11
Oct. 02, 2018
Version: 1.3
5. FUNCTION DESCRIPTIONS
5.1. CPU
The GPL32611B, capable of running up to 96MHz, integrates the
ARM7TDMI CPU with Embedded JTAG ICE and Cache Controller,
which supports 8K-byte unified ID-cache, 8-entry write buffer and
38K-byte internal SRAM.
When Cache is enabled, any CPU
’s
R/W will be fetched to the cache instead of external memory to
enhance CPU performance.
In addition, the internal SRAM bus,
I/O bus and cache bus are separated to maximize CPU bus
bandwidth.
5.2. Memory
5.2.1. Internal SRAM
The 38K-byte internal SRAM is generally treated as program
’s
stack.
It can also be accessed by other masters, for example,
DMA, USB, PPU, SPU, or NAND Flash controller to reduce
bandwidth of external memory.
5.2.2. External memory
The 8-bit NAND flash data bus is supported with an embedded
4/8/12/16/24/40/60-bit ECC/ BCH calculation circuit which can
realize the error correction mechanism on SLC/MLC NAND flash.
5.3. PLL, Clock, Power Mode
5.3.1. PLL (Phase Lock Loop)
There are three PLLs embedded in GPL32611B, the 1st PLL
capable of pumping up to 96MHz, the 2nd PLL for 27MHz, and the
3rd PLL for 12MHz.
The output frequency of fast PLL is
programmable and is ranged from 12MHz ~ 129MHz. (3MHz per
step)
5.3.2. System clock
One of the following system clocks can be selected via register
configuration: 32768Hz, 12MHz or 96MHz (determined by fast
PLL’s output frequency). Furthermore, a clock divider is provided
to reduce power consumption. (The divisor is up to 128).
5.4. Power Savings Mode
The GPL32611B features four power saving modes to extend
power life; Normal, Wait, Halt, and Sleep
Mode
CPU
System
RTC
After wakeup
Normal
ON
ON
ON
-
Wait
OFF
ON
ON
Next Instruction
Halt
OFF
OFF
ON
Reset CPU or not
Sleep
OFF
OFF
OFF
Reset System
The Wait, Halt, and Sleep modes are entered by writing specific
value to designated port.
The wake-up source can be interrupt,
Time Base, Key Change, RTC, EXT INT, UART RX or ADC.
5.5. Picture Process Unit
The GPL32611B equips a powerful graphic engine; see the table
for all features.
Item
Feature
Text
Layer
1. Maximum 4 text layers at the same time.
2. Supports text size up to 4096x4096.
3. Supports virtual 3D effect.
4. Supports Text rotate and scale effect.
5. Supports horizontal/vertical compression effect.
6. Supports horizontal movement effect.
7. Supports 64-level alpha blending.
Sprite
1. Max. 1024 internal sprites and 4096 extend
sprites at the same time.
2. Each sprite supports virtual 3D texture mapping
3. Each sprite support 64-level rotate function.
4. Each sprite supports 64-level zoom in/out
function from 1/32 to 8.75 times.
5. Each sprite supports 64-level alpha blending.
6. Each sprite supports 3 kinds of mosaic effect.
7. All above function can combine at the same
time.
8. Supports color dither.
9. Supports alpha channel mode.
10. Supports texture mapping with anti-aliasing and
bilinear interpolation.
Color
1. Text layer support 4/16/64/256-color palette and
RGB1555/
RGB565/
RGBG/
YUYV/
RGBA4444/ RGBA8888 bitmap mode.
2. Sprite supports 4/16/64/256-color palette mode
and
RGB1555/
RGB565/
RGBG/
YUYV
RGBA4444/ RGBA8888 bitmap mode.
3. 1024 palette entry for text layers and all sprites.
4. Supports 16/24-bit level of palette index color.
Other
Features
1. Supports light gun interface.
2. Supports sprite DMA function.
3. Supports four individual windows.
5.6. Video Input Interface
The GPL32611B supports video input from sensor or TV decoder.
The maximum input resolution is 4095 x 4095.
A built-in scaling
unit can be used to scale input data from arbitrary resolution to
VGA or QVGA mode.
A motion detecting engine is able to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com