Electronic Components Datasheet Search
  English  ▼

X  

SC6 Datasheet(PDF) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6
Description  16Pin infrared remote control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6 Datasheet(HTML) 7 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6 Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6 系列(文件编号:S&CIC0965)
16Pin 红外线遥控 IC
第 7 页 共 15 页
 SC63010
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K1
04
K2
0C
0D
K3
01
02
03
K4
05
06
07
08
K5
09
00
0A
1E
10
K6
20
21
2B
2C
29
0F
K7
1C
14
12
38
11
0E
26
K8
1D
15
13
3F
0B
16
17
18
K9
19
1A
1B
1F
22
23
24
25
27
K10
28
2A
2D
2E
2F
30
31
32
33
12#
GND
34
35
36
37
39
3A
3B
3C
3D
3E
17#
用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
CS 脚
接至
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
用户
码
00
19
03
0A
04
05
0D
10
16
1C
1F
说明
:
1) 芯片内置 11 种用户码,如上表。需选择哪一个用户码,就将 CS 脚接通相应的 I/O 口(CS 接 VCC 时用户码
为
3010-00)带#为 8521-00。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com