Electronic Components Datasheet Search
  English  ▼

X  

SC6 Datasheet(PDF) 14 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6
Description  16Pin infrared remote control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6 Datasheet(HTML) 14 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6 系列(文件编号:S&CIC0965)
16Pin 红外线遥控 IC
第 14 页 共 15 页
 SC66122-2
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K1
1C
K2
17
10
K3
0D
0E
0F
K4
1D
1E
1F
04
K5
05
06
07
5D
12
K6
14
0B
11
5E
08
09
K7
16
1B
1A
18
15
0C
5C
K8
13
40
41
42
43
44
45
46
K9
00
01
02
03
0A
47
48
49
4A
K10
4B
4C
4D
4E
4F
50
51
52
53
54
GND
55
56
57
58
59
5A
5B
5F
19
21
22
用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
CS 脚
接至
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
用户码
FE01
FE03
BF40
C738
BD02
916E
000A
EF10
FF00
FE00
FC01
说明:
芯片内置
11 种用户码,如上表。需选择哪一个用户码,就将 CS 脚接通相应的 I/O 口(CS 接 VCC 时用户码为
0202)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com