Electronic Components Datasheet Search
  English  ▼

X  

SC6 Datasheet(PDF) 11 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6
Description  16Pin infrared remote control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6 Datasheet(HTML) 11 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6 系列(文件编号:S&CIC0965)
16Pin 红外线遥控 IC
第 11 页 共 15 页
 SC69028-3
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
K1
00
K2
01
02
K3
03
04
05
K4
06
07
08
09
K5
0A
0B
0C
0D
0E
K6
0F
10
11
12
13
14
K7
15
16
17
18
19
1A
1B
K8
1C
1D
1E
1F
20
21
22
23
K9
24
25
27
28
29
2B
2C
30
31
K10
32
33
34
35
36
39
3A
3D
3E
01*
GND
02*
15*
16*
18*
19*
1A*
1B*
20*
21*
2C*
2D*
用户码如下表所示:
编号
0 号
1 号
2 号
3 号
4 号
5 号
6 号
7 号
8 号
9 号
10 号
CS 脚
接至
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
用户码
0707
0505
0808
0A0A
0B0B
0C0C
0000
1818
0707
0505
0E0E
说 明:
1)芯片内置 11 种用户码,如上表。需选择哪一个用户码,就将 CS 脚接通相应的 I/O 口。CS 接 VDD 时用户码
0707, 带*为 0505,不滚码



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com