Electronic Components Datasheet Search
  English  ▼

X  

SC6 Datasheet(PDF) 12 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC6
Description  16Pin infrared remote control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC6 Datasheet(HTML) 12 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC6 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 13Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 14Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC6 Datasheet HTML 15Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC6 系列(文件编号:S&CIC0965)
16Pin 红外线遥控 IC
第 12 页 共 15 页
应用电路图:
K0
K1
K2
K3
K4
K5
K6
K7
K8
K9
K10
VSS
CS
OUT
VDD
00
01
03
06
0A
0F
15
1
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1C
24
32
02*
15*
02
04
05
07
08
09
0B
0C
0D
0E
10
11
12
13
14
16
17
18
19
1A
1B
1D
1E
1F
20
21
22
23
2B
2C
30
39
3A
3D
3E
01*
16*
18*
19*
25
27
28
29
31
33
34
35
36
1A*
1B*
20*
21*
2C*
2D*
+3V
47uF
OSC
2
455KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com