| Electronic Components Datasheet Search |
|
SH7269 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7269 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 26 page ![]() SH7268/SH7269 Group Transmission/Reception of Renesas SPDIF Interface 1. Specifications Input the transmitter buffer data stored in the large-capacity on-chip RAM to the Renesas SPDIF interface (hereinafter called RSPDIF) channel 0, and transmits the frame which complies with the IEC60958 standard (hereinafter called IEC60958 frame). Interrupts are used for transferring the user information and channel status information, and Direct Memory Access Controller (hereinafter called DMAC) is used for transferring the audio data. The IEC60958 frame transmitted from the RSPDIF channel 0 is transferred to the RSPDIF channel 1 by the pass back function. The data received in the RSPDIF channel 1 will be stored in the large-capacity on-chip RAM by the interrupt or the DMAC as well as transmitting the data. Table 1.1 lists the Peripheral Functions and Their Applications and Figure 1.1 shows the Operation Overview. Table 1.1 Peripheral Functions and Their Applications Peripheral Function Application Renesas SPDIF interface (RSPDIF) Transmits and receives the SPDIF Direct Memory Access Controller (DMAC) Transfers audio data Interrupt controller (INTC) Transfers user information and channel status information Large-capacity on-chip RAM Transmitter buffer and receiver buffer area DMAC (channel 4) Renesas SPDIF interface Pass back Large-capacity on-chip RAM Lch Rch User Info. Audio data Channel status information Lch Rch Channel 0 (transmit only) IEC60958 frame transmission Channel 1 (receive only) IEC60958 frame reception Lch Rch Audio data DMAC (channel 5) User info. Channel status information Lch Rch Receiver buffer Transmi- tter buffer Figure 1.1 Operation Overview R01AN1188EJ0100 Rev.1.00 Page 3 of 23 Jul. 27, 2012 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |