Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button SH7269 Datasheet HTML 13Page - Renesas Technology Corp SH7269 Datasheet HTML 14Page - Renesas Technology Corp SH7269 Datasheet HTML 15Page - Renesas Technology Corp SH7269 Datasheet HTML 16Page - Renesas Technology Corp SH7269 Datasheet HTML 17Page - Renesas Technology Corp SH7269 Datasheet HTML 18Page - Renesas Technology Corp SH7269 Datasheet HTML 19Page - Renesas Technology Corp SH7269 Datasheet HTML 20Page - Renesas Technology Corp SH7269 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
SH7268/SH7269 Group
Transmission/Reception of Renesas SPDIF Interface
6.8.3
Starting of RSPDIF Transmission
Figure 6.5 shows the Starting of RSPDIF Transmission.
TRCS register
← H'10200000
CHNO bit = 2
: Right channel
io_spdout_start
Write left channel status info. to
data register
return
TUI register
← user information (4-byte)
: String of letters are transferred as user information in the
sample code, but the size in the register will be set by 4-
byte. Reference location is controlled by the
g_spdout.u_idx variable.
Allow transmitter module
DMA transfer
CTRL register
TDE bit ← 1
: Allow transmitter module DMA transfer request
Write first 4 bytes of user info. to
data register
Wait until setting is changed
Allow transmitter user info. interrupt
Allow transfer of
user information
Set DMA transfer of
audio data
io_init_dmac4
io_reload_dmac4
CTRL register
AOS bit ← 0
: User information exists in transmitter user data register
CTRL register
TUII bit ← 1
: Allow transmitter user information register
empty interrupt
TLCS register
← H'10100000
CLAC bit =1
: Clock accuracy level 1
FS bit = 0
: Sampling frequency 44.1kHz
CHNO bit = 1
: Left channel
CATCD bit = 0
: 2-channel general format
CTL bit = 0
: 2-channel audio, pre-emphasis prohibition,
copy prohibition, LPCM
STAT register
Wait until TUIR bit and CSTX bit are cleared to zero
DMA transfer of audio data needs to be transferred by rotation
between the channel 1 and channel 2. Transmit data of transfer
source address shall be prepared accordingly.
Allow operation of
transmitter module
CTRL register
TME bit ← 1
: Allow operation of RSPDIF transmission
(should be done before writing data)
Write right channel status info. to
data register
Prohibit interrupt that generates
request when operation of
transmitter module is allowed
CTRL register
TUII bit ← 0
: Prohibit transmitter user information register
empty interrupt
TCSI bit ← 0
: Prohibit transmitter channel status register
empty interrupt
TCBI bit ← 0
: Prohibit transmitter channel buffer interrupt
Set of
channel
status info.
Setting of
user info.
Setting of
audio data
[Note] Writing to the register must be done in following order.
(1) channel status information, (2) user information, (3) audio data infromation
Figure 6.5 Starting of RSPDIF Transmission
R01AN1188EJ0100 Rev.1.00
Page 17 of 23
Jul. 27, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com