Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button SH7269 Datasheet HTML 3Page - Renesas Technology Corp SH7269 Datasheet HTML 4Page - Renesas Technology Corp SH7269 Datasheet HTML 5Page - Renesas Technology Corp SH7269 Datasheet HTML 6Page - Renesas Technology Corp SH7269 Datasheet HTML 7Page - Renesas Technology Corp SH7269 Datasheet HTML 8Page - Renesas Technology Corp SH7269 Datasheet HTML 9Page - Renesas Technology Corp SH7269 Datasheet HTML 10Page - Renesas Technology Corp SH7269 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SH7268/SH7269 Group
Transmission/Reception of Renesas SPDIF Interface
5.
Hardware
5.1
Pins Used
Table 5.1 shows the Pins Used and Their Functions.
Table 5.1 Pins Used and Their Functions
Pin Name
I/O
Function
AUDIO_CLK
Input
Not connected
AUDIO_X1
Input
Input oversampling clock
AUDIO_X2
Output
Not connected (used when connected to oscillation)
SPDIF_IN
Input
Input SPDIF bitstream
SPDIF_OUT
Output
Output SPDIF bitstream
5.2
Hardware Configuration
Figure 5.1 shows the Connection Example.
SH7269
SPDIF_IN
AUDIO_CLK
AUDIO_X1
AUDIO_X2
SPDIF_OUT
N.C.
N.C.
CLK
Biphase-mark
encoded SPDIF bitstream
Figure 5.1 Connection Example
R01AN1188EJ0100 Rev.1.00
Page 7 of 23
Jul. 27, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com