Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7269 Datasheet HTML 5Page - Renesas Technology Corp SH7269 Datasheet HTML 6Page - Renesas Technology Corp SH7269 Datasheet HTML 7Page - Renesas Technology Corp SH7269 Datasheet HTML 8Page - Renesas Technology Corp SH7269 Datasheet HTML 9Page - Renesas Technology Corp SH7269 Datasheet HTML 10Page - Renesas Technology Corp SH7269 Datasheet HTML 11Page - Renesas Technology Corp SH7269 Datasheet HTML 12Page - Renesas Technology Corp SH7269 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
SH7268/SH7269 Group
Transmission/Reception of Renesas SPDIF Interface
R01AN1188EJ0100 Rev.1.00
Page 9 of 23
Jul. 27, 2012
6.2
File Composition
Table 6.1 lists the Files Used in the Sample Code. Files not generated by the integrated development environment
should not be listed in this table.
Table 6.1 Files Used in the Sample Code
File Name
Outline
Remarks
main.c
Main program
io_rspdif.c
Initialization of the RSPDIF
io_rspdif.h
Interface definition of the io_rspdif.c
io_dmac.c
Initialization of the DMAC
io_dmac.h
Interface definition of the io_dmac.c
6.3
Constants
Table 6.2 lists the Constants Used in the Sample Code.
Table 6.2 Constants Used in the Sample Code
Constant Name
Setting Value
Contents
USER_NUMOF_BLOCK
1024
User buffer size (by the block)
SPDIF_OK
0
Return value when the processing was successful
SPDIF_ERR
-1
Return value when the processing was failed
SPDIF_PASS_BACK
1
Setting value of the RSPDIF pass back function (1: allowed)
SPDIF_NUMOF_FRM
192
Number of frames in one block
SPDIF_NUMOF_CH
2
Number of channels (left channel, right channel)
SPDIF_AUDIO_BUFSZ
192 * 2
Buffer size for the audio data (by the longword)
SPDIF_USER_BUFSZ
(192 * 2) / 32
Buffer size for the user information (by the longword)
SPDIF_CH1
0
Channel 1 (left channel) index
SPDIF_CH2
1
Channel 2 (right channel) index
SPDIF_STATUS_CH1
H'10100000
Setting value of channel 1 status to be transmitted
SPDIF_STATUS_CH2
H'10200000
Setting value of channel 2 status to be transmitted
SPDIF_UBO_BIT
H'00002000
UBO bit of the status register
SPDIF_UBU_BIT
H'00001000
UBU bit of the status register
SPDIF_CE_BIT
H'00000800
CE bit of the status register
SPDIF_PARE_BIT
H'00000400
PARE bit of the status register
SPDIF_PREE_BIT
H'00000200
PREE bit of the status register
SPDIF_CSE_BIT
H'00000100
CSE bit of the status register
SPDIF_ABO_BIT
H'00000080
ABO bit of the status register
SPDIF_ABU_BIT
H'00000040
ABU bit of the status register
SPDIF_RUIR_BIT
H'00000020
RUIR bit of the status register
SPDIF_TUIR_BIT
H'00000010
TUIR bit of the status register
SPDIF_CSRX_BIT
H'00000008
CSRX bit of the status register
SPDIF_CBRX_BIT
H'00000004
CBRX bit of the status register
SPDIF_CSTX_BIT
H'00000002
CSTX bit of the status register
SPDIF_CBTX_BIT
H'00000001
CBTX bit of the status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com