Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SH7269 Datasheet HTML 1Page - Renesas Technology Corp SH7269 Datasheet HTML 2Page - Renesas Technology Corp SH7269 Datasheet HTML 3Page - Renesas Technology Corp SH7269 Datasheet HTML 4Page - Renesas Technology Corp SH7269 Datasheet HTML 5Page - Renesas Technology Corp SH7269 Datasheet HTML 6Page - Renesas Technology Corp SH7269 Datasheet HTML 7Page - Renesas Technology Corp SH7269 Datasheet HTML 8Page - Renesas Technology Corp SH7269 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
APPLICATION NOTE
SH7268/SH7269 Group
R01AN1188EJ0100
Rev.1.00
Jul. 27, 2012
Transmission/Reception of Renesas SPDIF Interface
Abstract
This document describes how to transmit/receive digital audio data using Renesas SPDIF interface of the
SH7268/SH7269 group.
The features of the Renesas SPDIF interface are described below.
• Supports the IEC60958 standard (stereo and consumer use modes only)
• Supports sampling frequencies (44.1kHz, 48kHz and 32kHz)
• Simultaneous transmit and receive
• Receiver autodetects the IEC61937 compressed mode data
Products
SH7268/SH7269 Group
When using this application note with other Renesas MCUs, careful evaluation is recommended after making
modifications to comply with the alternate MCU.
R01AN1188EJ0100 Rev.1.00
Page 1 of 23
Jul. 27, 2012


Similar Part No. - SH7269

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7262 RENESAS-SH7262 Datasheet
322Kb / 45P
High-speed Read/Write Serial Flash Memory
SH7263 RENESAS-SH7263 Datasheet
9Mb / 1862P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7264 RENESAS-SH7264 Datasheet
322Kb / 45P
High-speed Read/Write Serial Flash Memory
SH7265 RENESAS-SH7265 Datasheet
11Mb / 2024P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
More results

Similar Description - SH7269

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6096FHN PANASONIC-AN6096FHN Datasheet
71Kb / 6P
Transmission and reception IC for cellular telephone
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
SERIAL INTERFACE TRANSMISSION DECODER
Dec-1992
logo
NXP Semiconductors
UDA1355H PHILIPS-UDA1355H Datasheet
315Kb / 76P
Stereo audio codec with SPDIF interface
2003 Apr 10
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
Renesas Technology Corp
M16C26A-RCT RENESAS-M16C26A-RCT Datasheet
538Kb / 18P
Sample Program (Remote Control Transmission/Reception)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com