| Electronic Components Datasheet Search |
|
SH7269 Datasheet(PDF) 5 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7269 Datasheet(HTML) 5 Page - Renesas Technology Corp |
|
5 / 26 page ![]() SH7268/SH7269 Group Transmission/Reception of Renesas SPDIF Interface 4. Peripheral Functions This chapter provides supplementary information on RSPDIF, which basic information is described in the hardware manual. 4.1 Channel Configuration The RSPDIF consists of two channels. The directions of transmission/reception for each channel are fixed. The channel 0 is used for transmission, and the channel 1 is used for reception. 4.2 Transfer Data In addition to the audio data which includes sound data, user information and channel status information will also be transmitted and received in the SPDIF. Therefore, it is necessary to write/read these data to/from the RSPDIF register. Figure 4.1 shows the Register Group for Reading/Writing Transfer Data. The length of 32-bit is required. Renesas SPDIF interface Tranfer rate: 384 words/block Channel 1 (L) Channel 2 (R) Audio data Transmitter DMA audio data register (TDAD) Receiver DMA audio data register (RDAD) DMAC Channel 1 (L) Channel 2 (R) Channel 1 (L) Channel 2 (R) Channel 1 (L) Channel 2 (R) Channel 1 (L) Channel 2 (R) Channel 1 (L) Channel 2 (R) Transmitter channel 1 audio data register (TLCA) Receiver channel 1 audio data register (LCA) (Unused during DMA transfer) Transmitter channel 2 audio data register (TRCA) Receiver channel 2 audio data register (RRCA) (Unused during DMA transfer) Channel 1 (L) Channel 2 (R) Channel 1 (L) Channel 2 (R) User information Transmitter user data register (TUI) Receiver user data register (RUI) Transfer rate: 12 words/block Channel 1 (L) Channel 2 (R) Channel status information Transmitter channel 1 status register (TLCS)* Receiver channel 1 status register (RLCS) Transmitter channel 2 status register (TRCS)* Receiver channel 2 status register (RRCS) Transfer rate: 1 word/block [Note] The transmitter module transmits the values of TLCS register and TRCS register for the point at which transmission of each block starts as channel status values. Therefore, if the same value as used last time will be transmitted, rewriting for the register is not required. When rewriting, it should be done during the period that the transfer is not executed (between frame 31 and the beginning of the next block). Figure 4.1 Register Group for Reading/Writing Transfer Data R01AN1188EJ0100 Rev.1.00 Page 5 of 23 Jul. 27, 2012 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |