Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 4 Page - Renesas Technology Corp

  SH7269 Datasheet HTML 1Page - Renesas Technology Corp SH7269 Datasheet HTML 2Page - Renesas Technology Corp SH7269 Datasheet HTML 3Page - Renesas Technology Corp SH7269 Datasheet HTML 4Page - Renesas Technology Corp SH7269 Datasheet HTML 5Page - Renesas Technology Corp SH7269 Datasheet HTML 6Page - Renesas Technology Corp SH7269 Datasheet HTML 7Page - Renesas Technology Corp SH7269 Datasheet HTML 8Page - Renesas Technology Corp SH7269 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SH7268/SH7269 Group
Transmission/Reception of Renesas SPDIF Interface
R01AN1188EJ0100 Rev.1.00
Page 4 of 23
Jul. 27, 2012
2.
Operation Confirmation Conditions
The sample code accompanying this application note has been run and confirmed under the conditions below.
Table 2.1 Operation Confirmation Conditions
Item
Contents
MCU used
SH7269
Operating frequency
CPU internal clock (I
φ): 266.67MHz
Internal clock (B
φ): 133.33MHz
Peripheral clock 1 (P1
φ): 66.67MHz
Peripheral clock 0 (P0
φ): 33.33MHz
Operating voltage
Source Power (I/O): 3.3V
Source Power (internal): 1.25V
Integrated development
environment
Renesas Electronics Corporation
High-performance Embedded Workshop Ver. 4.07.00
Renesas Electronics Corporation
SuperH RISC engine Family C/C++ compiler package
Ver.9.03 Release 02
C compiler
Compile option
-cpu=sh2afpu -fpu=single. -include="$(WORKSPDIR)\inc"
-object="$(CONFIGDIR)\$(FILELEAF).obj" -debug -gbr=auto
-chgincpath -errorpath -global_volatile=0 -opt_range=all -infinite_loop=0
-del_vacant_loop=0 -struct_alloc=1 -nologo
Board used
R0K572690C000BR
3.
Reference Application Note
For additional information associated with this document, refer to the following application note.
• SH7262/SH7264 Group Example of Initialization (RJ06B0998)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com