Electronic Components Datasheet Search
  English  ▼

X  

SH7269 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7269
Description  Transmission/Reception of Renesas SPDIF Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7269 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7269 Datasheet HTML 16Page - Renesas Technology Corp SH7269 Datasheet HTML 17Page - Renesas Technology Corp SH7269 Datasheet HTML 18Page - Renesas Technology Corp SH7269 Datasheet HTML 19Page - Renesas Technology Corp SH7269 Datasheet HTML 20Page - Renesas Technology Corp SH7269 Datasheet HTML 21Page - Renesas Technology Corp SH7269 Datasheet HTML 22Page - Renesas Technology Corp SH7269 Datasheet HTML 23Page - Renesas Technology Corp SH7269 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
SH7268/SH7269 Group
Transmission/Reception of Renesas SPDIF Interface
6.8.7
Initialization of DMAC Channel 5
Figure 6.9 shows the Initialization of DMAC Channel 5.
STBCR2 register
MSTP8 bit ← 0
: Allow clock supply
io_init_dmac5
Allow DMAC clock supply
Prohibit operation of
DMAC channel 5
Set transfer method
Set transfer request source
return
CHCR5 register
DE bit ← 0
: Prohibit operation of DMAC channel 5
CHCR5 register ← H'3010 4814
TC bit = 0
: Provide one transfer per request
RLDSAR bit = 1
: SAR reload ON
RLDDAR bit = 1
: DAR reload ON
TEMASK bit = 1
: Continue DMA transfer even if TE bit is set
HIE bit = 0
: Prohibit interrupt when half number of transfers have been completed
DM bit = B'01
: Increase destination address
SM bit = B'00
: Fix source address
RS bit = B'1000
: Select transfer request source by extension resource selector (DMARS)
TB bit = 0
: Cycle steal mode
TS bit = B'10
: Transfer by the longword (4-byte)
IE bit = B'1
: Allow transfer completion interrupt
Set transfer source address
SAR5 register ← &(SPDIF.RDAD)
Specify RSPDIF receiver DMA audio data register as a transfer source address
Set transfer destination address
DAR5 register ← g_spdin.a_buf
Specify start address of audio receiver buffer as a transfer destination address
Set the number of transfers
DMATCR5 register ← (192 * 2)
Set the number of transfers to 384 times (audio data for one block)
DMARS2 register
CH5 bit ← H'0A
: Specify RSPDIF receiver module as a transfer request source
Provide common setting for
all channels
DMAOR register ← H'0007
CMS bit = B'00
: Select normal for cycle steal mode
DME bit = 1
: Allow operation of all channels
Set interrupt priority level
IPR07 register
_DMAC5 bit ← 3
: Set priority level 3 for DMAC channel 5
transfer completion interrupt (interrupt allowed)
Allow operation of DMAC channel 5
CHCR5 register
DE bit ← 1
: Allow operation of DMAC channel 5
Figure 6.9 Initialization of DMAC Channel 5
R01AN1188EJ0100 Rev.1.00
Page 20 of 23
Jul. 27, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com