Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
16
Am79Q02/021/031 Data Sheet
Total Distortion, Including Quantizing Distortion
The signal-to-total distortion will exceed the limits shown in Figure 4 for either transmission path when the input is
a sine wave signal of frequency 1014 Hz.
Input Level (dBm0)
30
35.5
–30
–40
–45
QSLAC Device
Specification
25
19256A-010
35.5
a. A-law
Signal-to-Total
Distortion (dB)
0
Input Level (dBm0)
31
35.5
–30
–40
–45
27
19256A-011
35.5
Signal-to-Total
Distortion (dB)
b.
µ-law
Figure 4. A-law/
µ-law Total Distortion with Tone Input (Both Paths)
QSLAC Device
Specification
+3
0
+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com