Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 36Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 37Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 38Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 39Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 40Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 41Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 42Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 43Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
40
Am79Q02/021/031 Data Sheet
4.
No Operation
MPI Command
(06h)
5.
Activate Channel (Operational Mode)
MPI Command
(0Eh)
This command places the device in the Active mode and sets CSTAT = 1. No valid PCM data
is transmitted until after the second FS pulse is received following the execution of the Activate
command.
6, 7. Write/Read Transmit Time Slot and PCM Highway Selection
MPI Command
(40/41h)
R/W = 0: Write
R/W = 1: Read
Transmit PCM Highway
TPCM = 0*
Transmit on Highway A (see TAB in Commands 10, 11)
TPCM = 1
Transmit on Highway B (see TAB in Commands 10, 11)
Transmit Time Slot
TTS = 0–127
Time Slot Number (TTS0 is LSB, TTS6 is MSB)
PCM Highway B is not available on the Am79Q021/031 QSLAC devices.
* Power Up and Hardware Reset (RST) Value = 00h, 01h, 02h, 03h for Channels 1, 2, 3, and 4,
respectively.
8, 9. Write/Read Receive Time Slot and PCM Highway Selection
MPI Command
(42/43h)
R/W = 0: Write
R/W = 1: Read
Receive PCM Highway
RPCM = 0*
Receive on Highway A
RPCM = 1
Receive on Highway B
Receive Time Slot
RTS = 0–127
Time Slot Number (RTS0 is LSB, RTS6 is MSB)
PCM Highway B is not available on the Am79Q021 and the Am79Q031 QSLAC devices.
* Power Up and Hardware Reset (RST) Value = 00h, 01h, 02h, 03h for Channels 1, 2, 3, and 4,
respectively.
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
0
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
0
0
0
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
0
R/W
I/O Data
TPCM
TTS6
TTS5
TTS4
TTS3
TTS2
TTS1
TTS0
D7
D6
D5
D4
D3
D2
D1
D0
Command
0
1
0
0
0
0
1
R/W
I/O Data
RPCM
RTS6
RTS5
RTS4
RTS3
RTS2
RTS1
RTS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com