Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 51Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 52Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 53Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 54Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 55Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 56Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 57Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 58Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
SLAC Products
55
52, 53. Write/Read Ground Key Filter
MPI Command
(E8/E9h)
R/W = 0: Write
R/W = 1: Read
Filter Ground Key
GK = 0–15
Filter sampling period in 1 ms
GK contains the filter sampling time (in ms) of the CD1B data (usually Ground Key) or CD2
entering the Real Time Data register described earlier. A value of 0 disables the Ground Key
filter for that particular channel.
Power Up and Hardware Reset (RST) Value = 00h.
RSVD
Reserved for future use. Always write as 0, but 0 is not guaranteed when read.
D7
D6
D5
D4
D3
D2
D1
D0
Command
1
1
1
0
1
0
0
R/W
I/O Data
RSVD
RSVD
RSVD
RSVD
GK3
GK2
GK1
GK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com