Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 31Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 32Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 33Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 34Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 35Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
32
Am79Q02/021/031 Data Sheet
7. Transmit time slots and receive time slots are set to
0, 1, 2 , a nd 3 for ch an ne ls 1, 2, 3, an d 4,
respectively. The clock slots are set to 0, with
transmit on the negative edge.
8. DXA port is selected for all channels.
9. DRA port is selected for all channels.
10. The master clock frequency selected is 8.192 MHz
and is programmed to come from PCLK.
11. All four channels are selected in the Channel
Enable register.
12. Any pending interrupts are cleared, all interrupts
are masked, and the Interrupt Output state is set to
open drain.
13. The supervision debounce time is set to 8 ms.
14. The previously programmed B, Z, X, R, GX, and
GR filters are unchanged.
15. The chopper clock frequency is set to 256 kHz but
the chopper clock is turned off.
16. The E1 Multiplex state is turned off and the polarity
is set for high going pulses.
17. No signalling on the PCM highway.
SIGNAL PROCESSING
Overview of Digital Filters
Several of the blocks in the signal processing section
are user programmable. These allow the user to
optimize the performance of the QSLAC device for the
system. Figure 12 shows the QSLAC device signal
processing and indicates the programmable blocks.
The advantages of digital filters are:
 High reliability
 No drift with time or temperature
 Unit-to-unit repeatability
 Superior transmission performance
 Flexibility
 Maximum possible bandwidth for V.34 modems
TSA
AR
AISN
Cutoff
Transmit
Path
(CTP)
Lower Receive
Gain (RG)
Full
Digital
Loop
back
(FDL)
GX
AX
TSA
Loopback
(TLB)
R
GR
X
ADC
Deci-
mator
DAC
LPF
& HPF
Com-
pressor
Ex-
pander
LPF
VOUT
VIN
TSA
B
Inter-
polator
Figure 12. QSLAC Device Block Diagram
+
+
+
Z
Digital
TX
Digital
RX
Inter-
polator
Deci-
mator
21108-027
High Pass Filter (HPF)
0
1 kHz Tone
(TON)
Cutoff Receive
Path (CRP)
VREF
*
*
*
*
*
*
*
*
*
* programmable blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com