Electronic Components Datasheet Search
  English  ▼

X  

AM79Q031JC Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # AM79Q031JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q031JC Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button AM79Q031JC Datasheet HTML 26Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 27Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 28Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 29Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 30Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 31Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 32Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 33Page - List of Unclassifed Manufacturers AM79Q031JC Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
30
Am79Q02/021/031 Data Sheet
Figure 11. MPI Real-Time Data Register or GCI Upstream SC Channel Data
1 kHz
UP/DN
GK=0
Six-State
Up/Down
GK
GK=0
Counter
*
a. Loop Detect Debounce Filter
8
DQ
DQ
DQ
RST
D
Q
EN/HOLD
FS
(8 kHz)
CD1
CDA
CK
DSH0–DSH3
Debounce Period
(0–15 ms)
Q
Debounce Counter
* Transparent latch: Output follows input when EN is high; output holds last state when EN is low
Debounce Counter: Output goes high after counting to programmed (DSH) number of 1 ms clocks;
Counter is reset for CD1 input changes at 125
µs sample period.
DSH0–DSH3 programmed value is common for all 4 channels, but debounce counter is separate per channel
Notes:
RST
GK0–GK3
Ground-Key
(1–15 ms)
Sampling Interval
Q
CD2 or CD1B
CDB
MUX
Clock Divider
(1–15 ms
clock output)
b. Ground-Key Filter
Programmed value of GK0–GK3 determines clock rate (1–15 ms) of six-state counter.
Notes:
If GK value = 0, counter is bypassed and no buffering occurs.
Six-state up/down counter: Counts up when input is high; counts down when input is low.
Output goes and stays high when maximum count is reached;
output goes and stays low when counts down to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com